Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-4385W-D590G Datasheet(PDF) 9 Page - Optoway Technology Inc

Part # XPS-4385W-D590G
Description  8.5 Gbps/ 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-4385W-D590G Datasheet(HTML) 9 Page - Optoway Technology Inc

Back Button XPS-4385W-D590G Datasheet HTML 3Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 4Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 5Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 6Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 7Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 8Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 9Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 10Page - Optoway Technology Inc XPS-4385W-D590G Datasheet HTML 11Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Optoway
XPS-4385W-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012
V2.0
9
RECOMMENDED POWER CIRCUIT SCHEMATIC
0.1
μF
0.1
μF
XFP Module
0.1
μF
Host Board
4.7
μH
4.7
μH
4.7
μH
4.7
μH
0.1
μF
0.1
μF
0.1
μF
0.1
μF
22
μF
22
μF
22
μF
22
μF
0.1
μF
Optional
Host +3.3V
Host +1.8V
Host -5.2V
Optional
Optional
Host +5V
VCC5
VCC3
VCC2
VEE5
RECOMMENDED INTERFACE CIRCUIT
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
Host Board
Vcc(+3.3V)
100
Ω
XFP module
100
Ω
4.7K to 10K
Ω
RD -
RD +
TD -
TD +
P_Down/RST
SCL
SDA
RX_LOS
TX_DIS
100
Ω
MOD_DeSel
MOD_abs
MOD_NR
INTERRUPT
REFCLKP
REFCLKN
CML
CML
CML
CML
GND
VCC(+3.3V)
SerDat Out+
SerDat Out-
SerDat In+
SerDat In-
10K
Ω


Similar Part No. - XPS-4385W-D590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-D22G OPTOWAY-XPS-4381W-D22G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-D23G OPTOWAY-XPS-4381W-D23G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results

Similar Description - XPS-4385W-D590G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-D21G OPTOWAY-XPS-4341W-D21G Datasheet
249Kb / 10P
   8.5 Gbps/ 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
   8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
   8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
   8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385W-D200G OPTOWAY-XPS-2385W-D200G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
SPS-4385W-D200G OPTOWAY-SPS-4385W-D200G Datasheet
205Kb / 7P
   8.5 Gbps/ 50 GHz DWDM / 80 km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
   8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com