Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR5050-0208 Datasheet(PDF) 4 Page - Cree, Inc

Part # C450TR5050-0208
Description  Adhesive Die Attach Low Forward Voltage 3.3 V Typical at 120 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR5050-0208 Datasheet(HTML) 4 Page - Cree, Inc

  C450TR5050-0208 Datasheet HTML 1Page - Cree, Inc C450TR5050-0208 Datasheet HTML 2Page - Cree, Inc C450TR5050-0208 Datasheet HTML 3Page - Cree, Inc C450TR5050-0208 Datasheet HTML 4Page - Cree, Inc C450TR5050-0208 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright©2011Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR5050aretrademarksofCree,Inc.
4
CPR3ER Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTR5050LEDproduct.Actualcurveswillvaryslightlyforthevarious
radiantfluxanddominantwavelengthbins.
0%
25%
50%
75%
100%
125%
150%
175%
0
50
100
150
200
If (mA)
Relative Intensity vs. Forward Current
-3
-2
-1
0
1
2
3
0
50
100
150
200
If (mA)
Wavelength Shift vs. Forward Current
0
25
50
75
100
125
150
175
200
0
0.5
1
1.5
2
2.5
3
3.5
4
Vf (V)
Forward Current vs. Forward Voltage
70%
75%
80%
85%
90%
95%
100%
25
50
75
100
125
150
Junction Temperature (°C)
Relative Light Intensity Vs Junction Temperature
-2
-1
0
1
2
3
4
5
6
25
50
75
100
125
150
Junction Temperature (°C)
Dominant Wavelength Shift Vs Junction Temperature
-0.400
-0.350
-0.300
-0.250
-0.200
-0.150
-0.100
-0.050
0.000
25
50
75
100
125
150
Junction Temperature (°C)
Voltage Shift Vs Junction Temperature
0%
25%
50%
75%
100%
125%
150%
175%
0
20
40
60
80
100
120
140
160
180
If (mA)
Relative Intensity vs. Forward Current
-3
-2
-1
0
1
2
3
0
20
40
60
80
100
120
140
160
180
If (mA)
Wavelength Shift vs. Forward Current
0
20
40
60
80
100
120
140
160
180
0
0.5
1
1.5
2
2.5
3
3.5
4
Vf (V)
Forward Current vs. Forward Voltage


Similar Part No. - C450TR5050-0208

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR5050-0208 MARKTECH-C450TR5050-0208 Datasheet
519Kb / 5P
   TR5050 LEDs
More results

Similar Description - C450TR5050-0208

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR5050-S18000 CREE-C450TR5050-S18000_16 Datasheet
550Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 120 mA
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
   Low Forward Voltage - 3.2 V Typical at 120 mA
C450UT190-S1200-31 CREE-C450UT190-S1200-31_16 Datasheet
283Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460RT230-S0100 CREE-C460RT230-S0100_16 Datasheet
242Kb / 4P
   Low Forward Voltage 2.9 V Typical at 5 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3050-S3600 CREE-C450TR3050-S3600 Datasheet
298Kb / 5P
   Low Forward Voltage - 2.95 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com