Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470RT320-0303 Datasheet(PDF) 1 Page - Cree, Inc

Part # C470RT320-0303
Description  Reduced Forward Voltage 3.1 V Typical at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470RT320-0303 Datasheet(HTML) 1 Page - Cree, Inc

  C470RT320-0303 Datasheet HTML 1Page - Cree, Inc C470RT320-0303 Datasheet HTML 2Page - Cree, Inc C470RT320-0303 Datasheet HTML 3Page - Cree, Inc C470RT320-0303 Datasheet HTML 4Page - Cree, Inc C470RT320-0303 Datasheet HTML 5Page - Cree, Inc C470RT320-0303 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

Subject to change without notice.
www.cree.com
Copyright © 2006, Cree, Inc.
CREE CONFIDENTIAL
RT320 Gen 3 Schematic
PRELIMINARY
FEATURES
Thin 95 μm Chip
Reduced Forward Voltage
3.1 V Typical at 20 mA
RazerThin LED Performance
460 nm - 14 mW min.
470 nm - 12 mW min.
527 nm - 6 mW min.
Single Wire Bond Structure
Class 2 ESD Rating
APPLICATIONS
LCD Backlighting Units
Mobile Appliances
Digital Still Cameras
Monitors
Cellular Phone LCD Backlighting
Digital Camera Flash For Mobile Appliances
Automotive Dashboard Lighting
LED Video Displays
Audio Product Display Lighting
RazerThin® Gen III LEDs
CxxxRT320-Sxxxx
Cree’s RazerThin LEDs are a new generation of solid-state LED emitters that combine highly efficient InGaN materials
with Cree’s proprietary G•SiC® substrate to deliver superior price/performance for high-intensity blue and green
LEDs. These vertically structured LED chips are approximately 95 microns in height and require a low forward
voltage. Cree’s RazerThin series chips have the ability to withstand 1000 V ESD.
CxxxRT320-Sxxxx Chip Diagram
Top View
Bottom View
G•SiC LED Chip
320 x 320 μm
t = 95 μm
Backside
Metallization
Gold Bond Pad
112 μm Diameter
Die Cross Section
Cathode (-)
Anode (+)
110 μm square
290 x 290 μm


Similar Part No. - C470RT320-0303

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470RT320-S1200 CREE-C470RT320-S1200 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C470RT320-S1400 CREE-C470RT320-S1400 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C470RT320-S1700 CREE-C470RT320-S1700 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
More results

Similar Description - C470RT320-0303

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT200-S1200 CREE-C460RT200-S1200_16 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT290-S0100 CREE-C460RT290-S0100_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 2.9 V Typical at 5 mA
C460RT200-S1200 CREE-C460RT200-S1200 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com