Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460TR2227-0214 Datasheet(PDF) 2 Page - Cree, Inc

Part # C460TR2227-0214
Description  Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460TR2227-0214 Datasheet(HTML) 2 Page - Cree, Inc

  C460TR2227-0214 Datasheet HTML 1Page - Cree, Inc C460TR2227-0214 Datasheet HTML 2Page - Cree, Inc C460TR2227-0214 Datasheet HTML 3Page - Cree, Inc C460TR2227-0214 Datasheet HTML 4Page - Cree, Inc C460TR2227-0214 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTRandTR2227aretrademarksofCree,Inc.
2
CPR3EF Rev A
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1&3
CxxxTR2227-Sxx00
DCForwardCurrent
30mA
PeakForwardCurrent(1/10dutycycle@1kHz)
70mA
LEDJunctionTemperature
125°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
ElectrostaticDischargeThreshold(HBM)Note2
1000V
ElectrostaticDischargeClassification(MIL-STD-883E)Note2
Class2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450TR2227-Sxx00
2.7
3.3
3.7
2
20
C460TR2227-Sxx00
2.7
3.3
3.7
2
21
C527TR2227-Sxx00
2.9
3.4
3.9
2
34
Mechanical Specifications
CxxxTR2227-Sxx00
Description
Dimension
Tolerance
P-NJunctionArea(μm)
190x230
±35
ChipArea(μm)
220x270
±35
ChipThickness(μm)
50
±15
AuBondPadDiameterAnode(μm)
80
-5,+15
AuBondPadThicknesses(μm)
1.0
±0.5
AuBondPadAreaCathode(μm)
80x80
-5,+15
BottomArea(μm)
190x240
±35
Notes:
1. Maximum ratings are package-dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000
epoxy)forcharacterization.Ratingsforotherpackagesmaydiffer.Theforwardcurrents(DCandPeak)arenotlimitedbythedie
butbytheeffectoftheLEDjunctiontemperatureonthepackage.Thejunctiontemperaturelimitof125°CisalimitoftheT-1
3/4package;junctiontemperatureshouldbecharacterizedinaspecificpackagetodeterminelimitations.Assemblyprocessing
temperaturemustnotexceed325°C(<5seconds).
2. Productresistancetoelectrostaticdischarge(ESD)accordingtotheHBMismeasuredbysimulatingESDusingarapidavalanche
energytest(RAET).TheRAETproceduresaredesignedtoapproximatethemaximumESDratingsshown.TheRAETprocedureis
performedoneachdie.TheESDclassificationofClass2isbasedonsampletestingaccordingtoMIL-STD-883E.
3. Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembled
andoperatedat20mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgiven
arewithintherangeofaveragevaluesexpectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.All
measurementsweremadeusinglampsinT-13/4packages(withHysolOS4000epoxy).Opticalcharacteristicsmeasuredinan
integratingsphereusingIlluminanceE.
4. Specificationsaresubjecttochangewithoutnotice.


Similar Part No. - C460TR2227-0214

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460TR2227-0214 MARKTECH-C460TR2227-0214 Datasheet
389Kb / 5P
   Cree TR2227 LEDs
More results

Similar Description - C460TR2227-0214

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR5050-S18000 CREE-C450TR5050-S18000_16 Datasheet
550Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 120 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3050-S3600 CREE-C450TR3050-S3600 Datasheet
298Kb / 5P
   Low Forward Voltage - 2.95 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com