Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR2436-0313 Datasheet(PDF) 5 Page - Cree, Inc

Part # C450TR2436-0313
Description  Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR2436-0313 Datasheet(HTML) 5 Page - Cree, Inc

  C450TR2436-0313 Datasheet HTML 1Page - Cree, Inc C450TR2436-0313 Datasheet HTML 2Page - Cree, Inc C450TR2436-0313 Datasheet HTML 3Page - Cree, Inc C450TR2436-0313 Datasheet HTML 4Page - Cree, Inc C450TR2436-0313 Datasheet HTML 5Page - Cree, Inc C450TR2436-0313 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks, and TR and TR2436 are trademarks of Cree, Inc.
5
CPR3DR Rev B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTRLEDproduct.Actualcurveswillvaryslightlyforthevariousradiant
fluxanddominantwavelengthbins.
0%
100%
200%
300%
400%
0
20
40
60
80
100
If (mA)
Relative Intensity vs. Forward Current
-15
-10
-5
0
5
10
0
20
40
60
80
100
If (mA)
Wavelength Shift vs. Forward Current
0
20
40
60
80
100
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
0
20
40
60
80
100
120
320
420
520
620
Wavelength (nm)
Relative Intensity vs Peak Wavelength
0
20
40
60
80
100
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
0
20
40
60
80
100
120
320
420
520
620
Wavelength (nm)
Relative Intensity vs Peak Wavelength
-15
-10
-5
0
5
10
0
20
40
60
80
100
If (mA)
Wavelength Shift vs. Forward Current


Similar Part No. - C450TR2436-0313

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
More results

Similar Description - C450TR2436-0313

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com