Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR3547-0218 Datasheet(PDF) 3 Page - Cree, Inc

Part # C450TR3547-0218
Description  Rectangular LED RF performance Maximum DC forward current 150 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR3547-0218 Datasheet(HTML) 3 Page - Cree, Inc

  C450TR3547-0218 Datasheet HTML 1Page - Cree, Inc C450TR3547-0218 Datasheet HTML 2Page - Cree, Inc C450TR3547-0218 Datasheet HTML 3Page - Cree, Inc C450TR3547-0218 Datasheet HTML 4Page - Cree, Inc C450TR3547-0218 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and TR and TR3547 are trademarks of Cree, Inc.
3
CPR3FJ Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxTR3547-Sxx00
LEDchipsaresortedtotheradiant fluxanddominant wavelengthbinsshown.Asorteddiesheetcontainsdiefrom
onlyonebin.Sorteddiekit(CxxxTR3547-Sxxxx)ordersmaybefilledwithanyorallbins(CxxxTR3547-xxxx)contained
inthekit.AllradiantfluxanddominantwavelengthvaluesshownandspecifiedareatIf=50mA.
Dominant Wavelength (nm)
C450TR3547-S7500
C450TR3547-0217
C450TR3547-0218
C450TR3547-0219
C450TR3547-0220
C450TR3547-0213
C450TR3547-0214
C450TR3547-0215
C450TR3547-0216
C450TR3547-0209
C450TR3547-0210
C450TR3547-0211
C450TR3547-0212
C450TR3547-0205
C450TR3547-0206
C450TR3547-0207
C450TR3547-0208
447.5
450
452.5
445
455
94
88
82
76
C460TR3547-S7600
C460TR3547-0217
C460TR3547-0218
C460TR3547-0219
C460TR3547-0220
C460TR3547-0213
C460TR3547-0214
C460TR3547-0215
C460TR3547-0216
C460TR3547-0209
C460TR3547-0210
C460TR3547-0211
C460TR3547-0212
C460TR3547-0205
C460TR3547-0206
C460TR3547-0207
C460TR3547-0208
Dominant Wavelength (nm)
457.5
460
462.5
455
465
94
88
82
76


Similar Part No. - C450TR3547-0218

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR3547-0218 MARKTECH-C450TR3547-0218 Datasheet
449Kb / 5P
   TR3547 LEDs
More results

Similar Description - C450TR3547-0218

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR5270-S20000 CREE-C450TR5270-S20000 Datasheet
672Kb / 6P
   Maximum DC Forward Current - 250 mA Class 2 ESD Rating
logo
List of Unclassifed Man...
SM6525 ETC1-SM6525 Datasheet
27Kb / 1P
   25 mA - 150 mA Forward Current 70 ns Recovery Time
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA1000-S48500 CREE-C450DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com