Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2SS-L-1.5V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # TX2SS-L-1.5V
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SS-L-1.5V Datasheet(HTML) 7 Page - Panasonic Semiconductor

  TX2SS-L-1.5V Datasheet HTML 1Page - Panasonic Semiconductor TX2SS-L-1.5V Datasheet HTML 2Page - Panasonic Semiconductor TX2SS-L-1.5V Datasheet HTML 3Page - Panasonic Semiconductor TX2SS-L-1.5V Datasheet HTML 4Page - Panasonic Semiconductor TX2SS-L-1.5V Datasheet HTML 5Page - Panasonic Semiconductor TX2SS-L-1.5V Datasheet HTML 6Page - Panasonic Semiconductor TX2SS-L-1.5V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TX
7
ds_61022_en_tx: 060213D
Schematic (Top view)
NOTES
For Cautions for Use, see Relay Technical Information.
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
2 coil latching (L2)
(Reset condition)
2 coil latching (LT)
(Reset condition)
Direction indication
1
3
4 5
12
10 9 8
+
Direction indication
1
3
4 5
12
10 9 8
+
Direction indication
+
+
12
10 9
8
7
1
3
4
5
6
Direction indication
+
+
12
10 9
8 7
1
3
4
5 6
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing (surface-mount
terminal type)
(1) Tape dimensions
(i) SA type
mm inch
(ii) SS type
mm inch
(2) Dimensions of plastic reel
mm inch
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A:
4.9 N {500gf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be
avoided.
Orientation (indicates PIN No.1) stripe
Stopper (gray)
Stopper (green)
Relays
Tape coming out direction
16.0
.630
.394
4.0
24.0 ±
0.3
.945 ±
.012
±0.2
9.2
±.008
.362
0.4
C
B
A
D
Relay polarity bar
(Z type)
2.0
11.5
1.75
15.5
.059
dia.
+.004
0
1.5
dia.
+0.1
0
.157
.016
.079
.069
.610
.453
10.0
8.0
.315
16.0
Relays
Tape coming out direction
.630
4.0
24.0 ±
0.3
.945 ±
.012
±0.2
10.8
±.008
.425
0.4
Relay polarity bar
(Z type)
2.0
11.5
15.5
1.75
.059
dia.
+.004
0
1.5
dia.
+0.1
0
.157
.016
.079
.069
.453
.610
2.0
.079
13 dia.
.512 dia.
21 dia.
.827 dia.
80 dia.
3.150 dia.
380 dia.
14.961 dia.
A
C
B


Similar Part No. - TX2SS-L-1.5V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V RADIOMETRIX-TX2S-433-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V-SM RADIOMETRIX-TX2S-433-40-3V-SM Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-434-40-3V RADIOMETRIX-TX2S-434-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TX2SS-L-1.5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com