Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470EZ500-0204-2 Datasheet(PDF) 1 Page - Cree, Inc

Part # C470EZ500-0204-2
Description  EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470EZ500-0204-2 Datasheet(HTML) 1 Page - Cree, Inc

  C470EZ500-0204-2 Datasheet HTML 1Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 2Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 3Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 4Page - Cree, Inc C470EZ500-0204-2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• EZBrightPowerChipLEDRfPerformance
– 110mWmin.@150mA–450&460nm
– 90mWmin.@150mA-470nm
– 40mWmin.@150mA-527nm
• LambertianRadiation
• ConductiveEpoxy,SolderPasteorPreforms,
orFluxEutecticAttach
• LowForwardVoltage–3.4VTypicalat150mA
• SingleWireBondStructure
• MaximumDCForwardCurrent-300mA
● DielectricPassivationAcrossEpiSurface
APPLICATIONS
• GeneralIllumination
– Automobile
– Aircraft
– DecorativeLighting
– TaskLighting
– OutdoorIllumination
• WhiteLEDs
• CrosswalkSignals
• TelevisionBacklighting
Cree® EZ500™ Gen II LED
Data Sheet
CxxxEZ500-Sxxx00-2
Cree’s EZBright™ LEDs are the next generation of solid-state LED emitters that combine highly efficient InGaN
materialswithCree’sproprietaryopticaldesignanddevicetechnologytodeliversuperiorvalueforhigh-intensityLEDs.
TheopticaldesignmaximizeslightextractionefficiencyandenablesaLambertianradiationpattern.Additionally,these
LEDsaredieattachablewithconductiveepoxy,solderpasteorsolderpreforms,aswellasthefluxeutecticmethod.
Theseverticallystructured,lowforwardvoltageLEDchipsareapproximately170micronsinheight.Cree’sEZ™chips
aretestedforconformitytoopticalandelectricalspecifications.TheseLEDsareusefulinabroadrangeofapplications,
suchasgeneralillumination,automotivelightingandLCDbacklighting.
CxxxEZ500-Sxxx00-2 Chip Diagram
Top View
Bottom View
EZBrightLEDChip
480x480
μm2
t=170
μm
Backside
Metallization
GoldBondPad
130x130
μm2
Die Cross Section
Anode(+);
3
μmAuSn
Cathode(-)


Similar Part No. - C470EZ500-0204-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C470EZ500-0204-2 MARKTECH-C470EZ500-0204-2 Datasheet
290Kb / 5P
   Cree EZ500 Gen II LED
More results

Similar Description - C470EZ500-0204-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2 Datasheet
294Kb / 5P
   EZBright Power Chip LED Rf Performance Lambertian Radiation
C450EZ700-S24000-2 CREE-C450EZ700-S24000-2 Datasheet
275Kb / 5P
   EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
C460EZ290-S2100-2 CREE-C460EZ290-S2100-2 Datasheet
411Kb / 5P
   EZBright LED RF Performance Lambertian Radiation
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED RF Performance 527 nm - 60 mW min
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
C450TR5270-S20000 CREE-C450TR5270-S20000 Datasheet
672Kb / 6P
   Maximum DC Forward Current - 250 mA Class 2 ESD Rating
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com