Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C450TR3041-0201 Datasheet(PDF) 4 Page - Cree, Inc

Part # C450TR3041-0201
Description  Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C450TR3041-0201 Datasheet(HTML) 4 Page - Cree, Inc

  C450TR3041-0201 Datasheet HTML 1Page - Cree, Inc C450TR3041-0201 Datasheet HTML 2Page - Cree, Inc C450TR3041-0201 Datasheet HTML 3Page - Cree, Inc C450TR3041-0201 Datasheet HTML 4Page - Cree, Inc C450TR3041-0201 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Copyright©2008Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Creeandthe
Creelogoareregisteredtrademarks,andTR,TR30andTR300aretrademarksofCree,Inc.
4
CPR3DV Rev. -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Characteristic Curves
ThesearerepresentativemeasurementsfortheTRLEDproduct.Actualcurveswillvaryslightlyforthevariousradiant
fluxanddominantwavelengthbins.
Copyright © 2007, Cree, Inc.
pg. 1
Characterization
0
20
40
60
80
100
120
320
420
520
620
Wavelength (nm)
Relative Intensity vs Peak Wavelength
Relative Intensity vs Forward Voltage
0
20
40
60
80
100
120
140
160
180
200
220
0
10
20
30
40
50
If (mA)
0.00
0.50
1.00
1.50
2.00
2.50
0
10
20
30
40
50
If (mA)
Relative Intensity vs. Forward Current
0
10
20
30
40
50
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
0.00
0.50
1.00
1.50
2.00
2.50
0
10
20
30
40
50
If (mA)
Relative Intensity vs. Forward Current
0
10
20
30
40
50
0
1
2
3
4
5
Vf (V)
Forward Current vs. Forward Voltage
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
0
10
20
30
40
50
If (mA)
Wavelength Shift vs. Forward Current
Relative Intensity vs Peak Wavelength


Similar Part No. - C450TR3041-0201

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C450TR3041-0201 MARKTECH-C450TR3041-0201 Datasheet
303Kb / 5P
   TR300 LEDs
More results

Similar Description - C450TR3041-0201

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
   Low Forward Voltage -3.2 V Typical at 120 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com