Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470EZ700-0312-2 Datasheet(PDF) 5 Page - Cree, Inc

Part # C470EZ700-0312-2
Description  EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470EZ700-0312-2 Datasheet(HTML) 5 Page - Cree, Inc

  C470EZ700-0312-2 Datasheet HTML 1Page - Cree, Inc C470EZ700-0312-2 Datasheet HTML 2Page - Cree, Inc C470EZ700-0312-2 Datasheet HTML 3Page - Cree, Inc C470EZ700-0312-2 Datasheet HTML 4Page - Cree, Inc C470EZ700-0312-2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Copyright©2008-2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree
andtheCreelogoareregisteredtrademarks,andEZBright,EZ,andEZ700aretrademarksofCree,Inc.
5
CPR3DW Rev. B
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Radiation Pattern
ThisisarepresentativeradiationpatternfortheEZBrightPowerChipLEDproduct.Actualpatternswillvaryslightlyfor
eachchip.


Similar Part No. - C470EZ700-0312-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C470EZ700-S20000-2 MARKTECH-C470EZ700-S20000-2 Datasheet
275Kb / 5P
   Cree EZ700 Gen II LED
logo
Cree, Inc
C470EZ700-SXX000 CREE-C470EZ700-SXX000 Datasheet
370Kb / 6P
   Cree짰 EZ700??LED
More results

Similar Description - C470EZ700-0312-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2 Datasheet
294Kb / 5P
   EZBright Power Chip LED Rf Performance Lambertian Radiation
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
C450UT190-S1200-31 CREE-C450UT190-S1200-31_16 Datasheet
283Kb / 6P
   Low Forward Voltage 2.9 V Typical at 5 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com