Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C527EZ290-0205-2 Datasheet(PDF) 3 Page - Cree, Inc

Part # C527EZ290-0205-2
Description  EZBright LED RF Performance Lambertian Radiation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C527EZ290-0205-2 Datasheet(HTML) 3 Page - Cree, Inc

  C527EZ290-0205-2 Datasheet HTML 1Page - Cree, Inc C527EZ290-0205-2 Datasheet HTML 2Page - Cree, Inc C527EZ290-0205-2 Datasheet HTML 3Page - Cree, Inc C527EZ290-0205-2 Datasheet HTML 4Page - Cree, Inc C527EZ290-0205-2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright©2010Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,theCree
logoandEZBrightareregisteredtrademarks,andEZ,EZ290,EZ-08,EZ-18andEZ-21aretrademarksofCree,Inc.
3
CPR3EJ Rev -
Cree,Inc.
4600SiliconDrive
Durham,NC27703
USATel:+1.919.313.5300
www.cree.com
Standard Bins for CxxxEZ290-Sxx00-2
LEDchipsaresortedtotheradiantfluxanddominantwavelengthbinsshown.Asorteddiesheetcontainsdiefromonly
onebin.Sorteddiekit(CxxxEZ290-Sxxxx-2)ordersmaybefilledwithanyorallbins(CxxxEZ290-xxxx-2)containedin
thekit.AllradiantfluxanddominantwavelengthvaluesshownarespecifiedatIf=20mA.
EZ-08
C527EZ290-S0800-2
C527EZ290-0210-2
C527EZ290-0211-2
C527EZ290-0212-2
C527EZ290-0207-2
C527EZ290-0208-2
C527EZ290-0209-2
C527EZ290-0204-2
C527EZ290-0205-2
C527EZ290-0206-2
C527EZ290-0201-2
C527EZ290-0202-2
C527EZ290-0203-2
520nm
525nm
530nm
535nm
14.0mW
12.0mW
10.0mW
8.0mW
Dominant Wavelength
EZ-21
C460EZ290-S2100-2
C460EZ290-0213-2
C460EZ290-0214-2
C460EZ290-0215-2
C460EZ290-0216-2
C460EZ290-0209-2
C460EZ290-0210-2
C460EZ290-0211-2
C460EZ290-0212-2
C460EZ290-0205-2
C460EZ290-0206-2
C460EZ290-0207-2
C460EZ290-0208-2
27.0mW
24.0mW
21.0mW
Dominant Wavelength
457.5nm
460nm
462.5nm
455nm
465nm
EZ-18
C470EZ290-S1800-2
C470EZ290-0213-2
C470EZ290-0214-2
C470EZ290-0215-2
C470EZ290-0216-2
C470EZ290-0209-2
C470EZ290-0210-2
C470EZ290-0211-2
C470EZ290-0212-2
C470EZ290-0205-2
C470EZ290-0206-2
C470EZ290-0207-2
C470EZ290-0208-2
C470EZ290-0201-2
C470EZ290-0202-2
C470EZ290-0203-2
C470EZ290-0204-2
27.0mW
24.0mW
21.0mW
18.0mW
Dominant Wavelength
467.5nm
470nm
472.5nm
465nm
475nm


Similar Part No. - C527EZ290-0205-2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C527EZ290-0205-2 MARKTECH-C527EZ290-0205-2 Datasheet
411Kb / 5P
   Cree EZ290 Gen II LEDs
More results

Similar Description - C527EZ290-0205-2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450EZ400-S09000-2 CREE-C450EZ400-S09000-2 Datasheet
294Kb / 5P
   EZBright Power Chip LED Rf Performance Lambertian Radiation
C450EZ900-S34000-2 CREE-C450EZ900-S34000-2 Datasheet
397Kb / 6P
   EZBright LED Technology Lambertian Radiation
C450EZ600-S20000-2 CREE-C450EZ600-S20000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED RF Performance 527 nm - 60 mW min
C450EZ500-S11000-2 CREE-C450EZ500-S11000-2 Datasheet
290Kb / 5P
   EZBright Power Chip LED Rf Performance Maximum DC Forward Current - 300 mA
C450EZ700-S24000-2 CREE-C450EZ700-S24000-2 Datasheet
275Kb / 5P
   EZBright Power Chip LED Rf Performance Low Forward Voltage ??3.6 V Typical at 350
C450EZ1000-S38000-2 CREE-C450EZ1000-S38000-2 Datasheet
456Kb / 5P
   EZBright LED Technology Low Forward Voltage
logo
Taoglas antenna solutio...
GW.17.07.0250E TAOGLAS-GW.17.07.0250E Datasheet
566Kb / 30P
   High radiation performance
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA1000-S48500 CREE-C450DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA3547-S07600 CREE-C450DA3547-S07600 Datasheet
403Kb / 5P
   Rectangular LED RF Performance High Reliability - Eutectic Attach
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com