Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C470RT320-0314 Datasheet(PDF) 2 Page - Cree, Inc

Part # C470RT320-0314
Description  Reduced Forward Voltage 3.1 V Typical at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470RT320-0314 Datasheet(HTML) 2 Page - Cree, Inc

  C470RT320-0314 Datasheet HTML 1Page - Cree, Inc C470RT320-0314 Datasheet HTML 2Page - Cree, Inc C470RT320-0314 Datasheet HTML 3Page - Cree, Inc C470RT320-0314 Datasheet HTML 4Page - Cree, Inc C470RT320-0314 Datasheet HTML 5Page - Cree, Inc C470RT320-0314 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2008 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the
Cree logo, G•SiC and RazerThin are registered trademarks of Cree, Inc.
2
CPR3DU Rev. -
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes &3
CxxxRT320-Sxxxx
DC Forward Current
50 mA
Peak Forward Current (1/10 duty cycle @ 1kHz)
100 mA
LED Junction Temperature
125°C
Reverse Voltage
5 V
Operating Temperature Range
-40°C to +100°C
Storage Temperature Range
-40°C to +100°C
Electrostatic Discharge Threshold (HBM) Note 2
1000 V
Electrostatic Discharge Classification (MIL-STD-883E) Note 2
Class 2
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 20 mA
Note 3
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max.
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C460RT320-Sxxxx
2.7
3.1
3.7
1
24
C470RT320-Sxxxx
2.7
3.1
3.7
1
25
C527RT320-Sxxxx
2.7
3.2
3.7
1
40
Mechanical Specifications
CxxxRT320-Sxxxx
Description
Dimension
Tolerance
P-N Junction Area (μm)
270 x 270
± 35
Top Area (μm)
320 x 320
± 35
Bottom Area (μm)
290 x 290
± 35
Chip Thickness (μm)
95
± 15
Au Bond Pad Diameter (μm)
112
± 20
Au Bond Pad Thickness (μm)
1.0
± 0.5
Back Contact Metal Width (μm)
110
± 10
Notes:
Maximum ratings are package dependent. The above ratings were determined using a T-1 3/4 package (with Hysol OS4000 epoxy)
for characterization. Seller makes no representations regarding ratings for packages other than the T-1 3/4 package used by Seller.
The forward currents (DC and Peak) are not limited by the G•SiC die but by the effect of the LED junction temperature on the
package. The junction temperature limit of 125°C is a limit of the T-1 3/4 package; junction temperature should be characterized
in a specific package to determine limitations. Assembly processing temperature must not exceed 325°C (< 5 seconds).
Product resistance to electrostatic discharge (ESD) is measured by simulating ESD using a rapid avalanche energy test (RAET).
The RAET procedures are designed to approximate the maximum ESD ratings shown. Seller gives no other assurances regarding
the ability of Products to withstand ESD.
All products conform to the listed minimum and maximum specifications for electrical and optical characteristics when assembled
and operated at 20 mA within the maximum ratings shown above. Efficiency decreases at higher currents. Typical values given
are the average values expected by Seller in large quantities and are provided for information only. Seller gives no assurances
products shipped will exhibit such typical ratings. All measurements were made using lamps in T-1 3/4 packages (with Hysol
OS4000 epoxy). Dominant wavelength measurements taken using Illuminance E.
Specifications are subject to change without notice.
1.
2.
3.
4.


Similar Part No. - C470RT320-0314

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C470RT320-S1200 CREE-C470RT320-S1200 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C470RT320-S1400 CREE-C470RT320-S1400 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C470RT320-S1700 CREE-C470RT320-S1700 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
More results

Similar Description - C470RT320-0314

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT200-S1200 CREE-C460RT200-S1200_16 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT290-S0100 CREE-C460RT290-S0100_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 2.9 V Typical at 5 mA
C460RT200-S1200 CREE-C460RT200-S1200 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com