Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2SS-3V Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # TX2SS-3V
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SS-3V Datasheet(HTML) 1 Page - Panasonic Semiconductor

  TX2SS-3V Datasheet HTML 1Page - Panasonic Semiconductor TX2SS-3V Datasheet HTML 2Page - Panasonic Semiconductor TX2SS-3V Datasheet HTML 3Page - Panasonic Semiconductor TX2SS-3V Datasheet HTML 4Page - Panasonic Semiconductor TX2SS-3V Datasheet HTML 5Page - Panasonic Semiconductor TX2SS-3V Datasheet HTML 6Page - Panasonic Semiconductor TX2SS-3V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TX
1
ds_61022_en_tx: 060213D
ORDERING INFORMATION
Best seller with broad
lineup and AC 2000 V
breakdown voltage.
TX RELAYS
FEATURES
1. 2,000 V breakdown voltage between
contact and coil
The body block construction of the coil
that is sealed at formation offers a high
breakdown voltage of 2,000 V between
contact and coil, and 1,000 V between
open contacts.
2. Outstanding surge resistance
Surge breakdown voltage between
open contacts:
1,500 V 10
160 sec. (FCC part 68)
Surge breakdown voltage between
contact and coil:
2,500 V 2
10 sec. (Bellcore)
3. Nominal operating power: High
sensitivity of 140mW
By using the highly efficient polar
magnetic circuit “seesaw balance
mechanism”, a nominal operating
power of 140 mW (minimum operating
power of 79 mW) has been achieved.
4. High contact capacity: 2 A 30 V DC
5. Compact size
15.0(L)
 7.4(W)  8.2(H) .
591(L)
 .291(W)  .323(H)
6. The use of gold-clad twin crossbar
contacts ensures high contact
reliability.
*We also offer a range of products
with AgPd contacts suitable for use
in low level load analog circuits
(max. 10V DC 10 mA).
7. Outstanding vibration and shock
resistance
Functional shock resistance: 750 m/s2
Destructive shock resistance:
1,000 m/s2
Functional vibration resistance:
10 to 55 Hz (at double amplitude of
3.3 mm .130 inch)
Destructive vibration resistance:
10 to 55 Hz (at double amplitude of
5 mm .197 inch)
8. Sealed construction allows
automatic washing.
9. A range of surface-mount types is
also available
SA: Low-profile surface-mount
terminal type
SS: Space saving surface-mount
terminal type
TYPICAL APPLICATIONS
1. Communications (xDSL,
Transmission)
2. Measurement
3. Security
4. Home appliances, and audio/visual
equipment
5. Automotive equipment
6. Medical equipment
Nominal coil voltage (DC)*
1.5, 3, 4.5, 5, 6, 9, 12, 24, 48V
Contact arrangement
2: 2 Form C
TX
2
Terminal shape
Nil: Standard PC board terminal or surface-mount terminal
Contact material
Nil:
1:
Standard contact (Ag+Au clad)
AgPd contact (low level load); AgPd+Au clad (stationary), AgPd (movable)
Operating function
Nil:
L:
L2:
LT:
Single side stable
1 coil latching
2 coil latching
2 coil latching
Surface-mount availability
Nil:
SA:
SS:
Standard PC board terminal type
SA type
SS type
Packing style
Nil:
X:
Z:
Tube packing
Tape and reel (picked from 1/3/4/5-pin side)
Tape and reel packing (picked from the 8/9/10/12-pin side)
Notes: 1. *48 V coil type: Single side stable only
2. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.


Similar Part No. - TX2SS-3V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V RADIOMETRIX-TX2S-433-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-433-40-3V-SM RADIOMETRIX-TX2S-433-40-3V-SM Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX2S-434-40-3V RADIOMETRIX-TX2S-434-40-3V Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TX2SS-3V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com