Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460RT260-0312 Datasheet(PDF) 1 Page - Cree, Inc

Part # C460RT260-0312
Description  Reduced Forward Voltage 3.2 V Typical at 20 mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460RT260-0312 Datasheet(HTML) 1 Page - Cree, Inc

  C460RT260-0312 Datasheet HTML 1Page - Cree, Inc C460RT260-0312 Datasheet HTML 2Page - Cree, Inc C460RT260-0312 Datasheet HTML 3Page - Cree, Inc C460RT260-0312 Datasheet HTML 4Page - Cree, Inc C460RT260-0312 Datasheet HTML 5Page - Cree, Inc C460RT260-0312 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

Subject to change without notice.
www.cree.com
Copyright © 2006, Cree, Inc.
CREE CONFIDENTIAL
RT260 Gen 3 Schematic
PRELIMINARY
FEATURES
Thin 95 μm Chip
Reduced Forward Voltage
3.2 V Typical at 20 mA
RazerThin LED Performance
460 nm - 12 mW min.
470 nm - 10 mW min.
527 nm - 5 mW min.
Single Wire Bond Structure
Class 2 ESD Rating
APPLICATIONS
White LEDs
LCD Backlighting Units
Cellular Phone LCD Backlighting
Automotive Dashboard Lighting
LED Video Displays
Audio Product Display Lighting
RazerThin® Gen III LEDs
CxxxRT260-Sxxxx
Cree’s RazerThin LEDs are a new generation of solid-state LED emitters that combine highly efficient InGaN materials
with Cree’s proprietary G•SiC® substrate to deliver superior price/performance for high-intensity blue and green
LEDs. These vertically structured LED chips are approximately 95 microns in height and require a low forward
voltage. Cree’s RazerThin series chips have the ability to withstand 1000 V ESD.
CxxxRT260-Sxxxx Chip Diagram
Top View
Bottom View
G•SiC LED Chip
260 x 260 μm
t = 95 μm
Backside
Metallization
Gold Bond Pad
112 μm Diameter
Die Cross Section
Cathode (-)
Anode (+)
90 μm square
230 x 230 μm


Similar Part No. - C460RT260-0312

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460RT260-0312 MARKTECH-C460RT260-0312 Datasheet
387Kb / 6P
   RazerThin Gen III LEDs
More results

Similar Description - C460RT260-0312

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
   Low Forward Voltage 3.2 V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
   Low Forward Voltage - 3.2 Typical at 20 mA
C460RT200-S1200 CREE-C460RT200-S1200_16 Datasheet
192Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT290-S0100 CREE-C460RT290-S0100_16 Datasheet
203Kb / 4P
   Reduced Forward Voltage 2.9 V Typical at 5 mA
C460RT200-S1200 CREE-C460RT200-S1200 Datasheet
376Kb / 6P
   Reduced Forward Voltage 3.0 V Typical at 5 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com