Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460DA1000-0319 Datasheet(PDF) 2 Page - Cree, Inc

Part # C460DA1000-0319
Description  Direct Attach LED Technology Rectangular LED RF Performance
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460DA1000-0319 Datasheet(HTML) 2 Page - Cree, Inc

  C460DA1000-0319 Datasheet HTML 1Page - Cree, Inc C460DA1000-0319 Datasheet HTML 2Page - Cree, Inc C460DA1000-0319 Datasheet HTML 3Page - Cree, Inc C460DA1000-0319 Datasheet HTML 4Page - Cree, Inc C460DA1000-0319 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks, and DA and DA1000 are trademarks of Cree, Inc.
2
CPR3ES Rev A
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Maximum Ratings at T
A = 25°C
Notes 1,2 & 3
CxxxDA1000-Sxx000
DCForwardCurrent
1000mA
PeakForwardCurrent(1/10dutycycle@1kHz)
1250mA
LEDJunctionTemperature
150°C
ReverseVoltage
5V
OperatingTemperatureRange
-40°Cto+100°C
StorageTemperatureRange
-40°Cto+100°C
Typical Electrical/Optical Characteristics at T
A = 25°C, If = 350 mA
Note 2
Part Number
Forward Voltage (V
f, V)
Reverse Current
[I(Vr=5V), μA]
Full Width Half Max
(
λ
D, nm)
Min.
Typ.
Max.
Max.
Typ.
C450DA1000-Sxx000
2.7
3.15
3.5
2
20
C460DA1000-Sxx000
2.7
3.15
3.5
2
21
Mechanical Specifications
CxxxDA1000-Sxx000
Description
Dimension
Tolerance
P-NJunctionArea(μm)
960x960
±35
ChipBottomArea(μm)
1000x1000
±35
ChipTopArea(μm)
630x630
±45
ChipThickness(μm)
335
±25
AuSnBondPadWidth–Anode(um)
75
±15
AuSnBondPadLength–Anode(um)
945
±35
AuSnBondPadWidth–Cathode(um)
795
±35
AuSnBondPadLength–Cathode(um)
945
±35
BondPadGap(μm)
75
±15
AuSnBondPadThickness(μm)
3
±0.5
Notes:
1.
Maximum ratings are package-dependent. The above ratings were determined using a Cree 3.45-mm x 3.45-mm SMT package (with silicone
encapsulation and intrinsic AuSn metal die attach) for characterization. Ratings for other packages may differ. Junction temperature should be
characterizedinaspecificpackagetodeterminelimitations.Assemblyprocessingtemperaturemustnotexceed325°C(<5seconds).
2.
Allproductsconformtothelistedminimumandmaximumspecificationsforelectricalandopticalcharacteristicswhenassembledandoperatedat350
mAwithinthemaximumratingsshownabove.Efficiencydecreasesathighercurrents.Typicalvaluesgivenarewithintherangeofaveragevalues
expectedbymanufacturerinlargequantitiesandareprovidedforinformationonly.AllmeasurementsweremadeusinglampsinT-1¾packages(with
HysolOS4000epoxyencapsulantandintrinsicAuSnmetaldieattach).OpticalcharacteristicsmeasuredinanintegratingsphereusingIlluminanceE.
3.
ThemaximumforwardcurrentisdeterminedbythethermalresistancebetweentheLEDjunctionandambient.Itiscrucialfortheend-producttobe
designedinamannerthatminimizesthethermalresistancefromtheLEDjunctiontoambientinordertooptimizeproductperformance.
0
200
400
600
800
1000
1200
25
50
75
100
125
150
175
Ambient Temperature (
C)
Rth j-a = 10 C/W
Rth j-a = 15 C/W
Rth j-a = 20 C/W
Rth j-a = 25 C/W


Similar Part No. - C460DA1000-0319

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460DA1000-S48500 MARKTECH-C460DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach DA1000 LEDs
More results

Similar Description - C460DA1000-0319

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA3547-S07600 CREE-C450DA3547-S07600 Datasheet
403Kb / 5P
   Rectangular LED RF Performance High Reliability - Eutectic Attach
logo
Sanken electric
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
   2x4 Rectangular LED (Direct Mount)
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
   3.3x6 Rectangular Bicolor LED (Direct Mount)
logo
Chicago Miniature Lamp,...
CMD53124A CML-CMD53124A Datasheet
64Kb / 1P
   High Performance Rectangular LED Lamps
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Sanken electric
SEL5020 SANKEN-SEL5020 Datasheet
29Kb / 1P
   5-mm Pitch Lead Rectangular LED (Direct Mount)
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com