Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPIC33FJ256MC706IPT Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC33FJ256MC706IPT
Description  dsPIC DSC High-Performance 16-Bit Digital Signal Controllers
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256MC706IPT Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC33FJ256MC706IPT Datasheet HTML 7Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 8Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 9Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 10Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 11Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 12Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 13Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 14Page - Microchip Technology DSPIC33FJ256MC706IPT Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS70155C-page 9
dsPIC33F
3.2
Programmer’s Model
The programmer’s
model, shown in Figure 3-2,
consists of 16 x 16-bit working registers (W0 through
W15), 2 x 40-bit accumulators (ACCA and ACCB),
Status Register (SR), Data Table Page register
(TBLPAG), Program Space Visibility Page register
(PSVPAG), DO and REPEAT registers (DOSTART,
DOEND, DCOUNT and RCOUNT) and Program
Counter (PC). The working registers can act as data,
address or offset registers. All registers are memory
mapped. W0 is the W register for all instructions that
perform file register addressing.
Some of these registers have a shadow register
associated with them (see the legend in Figure 3-2).
The shadow register is used as a temporary holding
register and can transfer its contents to or from its host
register upon some event occurring in a single cycle.
None of the shadow registers are accessible directly.
When a byte operation is performed on a working
register, only the Least Significant Byte of the target
register is affected. However, a benefit of memory
mapped working registers is that both the Least and
Most Significant Bytes can be manipulated through
byte-wide data memory space accesses.
W15 is the dedicated software Stack Pointer (SP). It is
automatically modified by exception processing and
subroutine calls and returns. However, W15 can be
referenced by any instruction in the same manner as all
other W registers. This simplifies the reading, writing
and manipulation of the Stack Pointer (e.g., creating
stack frames).
W14 has been dedicated as a Stack Frame Pointer, as
defined by the LNK and ULNK instructions. However,
W14 can be referenced by any instruction in the same
manner as all other W registers.
The Stack Pointer always points to the first available
free word and grows from lower addresses towards
higher addresses. It pre-decrements for stack pops
(reads) and post-increments for stack pushes (writes).


Similar Part No. - DSPIC33FJ256MC706IPT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ256MC706I/PF MICROCHIP-DSPIC33FJ256MC706I/PF Datasheet
5Mb / 340P
   High-Performance, 16-Bit Digital Signal Controllers
2009
DSPIC33FJ256MC706I/PF-QTP MICROCHIP-DSPIC33FJ256MC706I/PF-QTP Datasheet
5Mb / 342P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC33FJ256MC706I/PT MICROCHIP-DSPIC33FJ256MC706I/PT Datasheet
5Mb / 340P
   High-Performance, 16-Bit Digital Signal Controllers
2009
DSPIC33FJ256MC706I/PT-QTP MICROCHIP-DSPIC33FJ256MC706I/PT-QTP Datasheet
5Mb / 342P
   High-Performance, 16-Bit Digital Signal Controllers
2007
More results

Similar Description - DSPIC33FJ256MC706IPT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSPIC33FJ256MC710-IPT MICROCHIP-DSPIC33FJ256MC710-IPT Datasheet
2Mb / 90P
   dsPIC짰 DSC High-Performance 16-Bit Digital Signal Controllers
08/24/05
DSPIC30F6010A MICROCHIP-DSPIC30F6010A_11 Datasheet
3Mb / 236P
   High-Performance, 16-bit Digital Signal Controllers
2011
DSPIC30F2010 MICROCHIP-DSPIC30F2010_08 Datasheet
2Mb / 204P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJXXXMCX06A MICROCHIP-DSPIC33FJXXXMCX06A Datasheet
2Mb / 352P
   High-Performance, 16-bit Digital Signal Controllers
2009
DSPIC30F2011 MICROCHIP-DSPIC30F2011_08 Datasheet
3Mb / 206P
   High-Performance, 16-bit Digital Signal Controllers
2008
DSPIC33FJ12MC201MM MICROCHIP-DSPIC33FJ12MC201MM Datasheet
4Mb / 284P
   High-Performance, 16-Bit Digital Signal Controllers
2007
DSPIC30F6011 MICROCHIP-DSPIC30F6011_06 Datasheet
3Mb / 228P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6010 MICROCHIP-DSPIC30F6010_06 Datasheet
3Mb / 222P
   High-Performance, 16-Bit Digital Signal Controllers
2006
DSPIC30F6014A-30IPT MICROCHIP-DSPIC30F6014A-30IPT Datasheet
2Mb / 239P
   High-Performance, 16-Bit Digital Signal Controllers
10/19/06
DSPIC33FJ128GP802-I MICROCHIP-DSPIC33FJ128GP802-I Datasheet
2Mb / 403P
   High-Performance, 16-bit Digital Signal Controllers
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com