Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TX2SA-4.5V-Z Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. TX2SA-4.5V-Z
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SA-4.5V-Z Datasheet(HTML) 3 Page - Panasonic Semiconductor

  TX2SA-4.5V-Z Datasheet HTML 1Page - Panasonic Semiconductor TX2SA-4.5V-Z Datasheet HTML 2Page - Panasonic Semiconductor TX2SA-4.5V-Z Datasheet HTML 3Page - Panasonic Semiconductor TX2SA-4.5V-Z Datasheet HTML 4Page - Panasonic Semiconductor TX2SA-4.5V-Z Datasheet HTML 5Page - Panasonic Semiconductor TX2SA-4.5V-Z Datasheet HTML 6Page - Panasonic Semiconductor TX2SA-4.5V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TX
3
ds_61022_en_tx: 060213D
RATING
1. Coil data
1) Single side stable
2) 1 coil latching
3) 2 coil latching (L2, LT)
*Pulse drive (JIS C 5442-1986)
Nominal coil
voltage
Pick-up voltage
(at 20
C 68F)
Drop-out voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
93.8mA
16
140mW
150%V of
nominal voltage
3V DC
46.7mA
64.3
4.5V DC
31mA
145
5V DC
28.1mA
178
6V DC
23.3mA
257
9V DC
15.5mA
579
12V DC
11.7mA
1,028
24V DC
5.8mA
4,114
48V DC
5.6mA
8,533
270mW
120%V of
nominal voltage
Nominal coil
voltage
Set voltage
(at 20
C 68F)
Reset voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
66.7mA
22.5
100mW
150%V of
nominal voltage
3V DC
33.3mA
90
4.5V DC
22.2mA
202.5
5V DC
20mA
250
6V DC
16.7mA
360
9V DC
11.1mA
810
12V DC
8.3mA
1,440
24V DC
4.2mA
5,760
Nominal coil
voltage
Set voltage
(at 20
C 68F)
Reset voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
133.9mA
133.9mA
11.2
11.2
200mW
200mW
150%V of
nominal voltage
3V DC
66.7mA
66.7mA
45
45
4.5V DC
44.5mA
44.5mA
101.2
101.2
5V DC
40mA
40mA
125
125
6V DC
33.3mA
33.3mA
180
180
9V DC
22.2mA
22.2mA
405
405
12V DC
16.7mA
16.7mA
720
720
24V DC
8.3mA
8.3mA
2,880
2,880


Similar Part No. - TX2SA-4.5V-Z

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SA-L-H-1.5V PANASONIC-TX2SA-L-H-1.5V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
TX2SA-L-H-12V PANASONIC-TX2SA-L-H-12V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
TX2SA-L-H-24V PANASONIC-TX2SA-L-H-24V Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
More results

Similar Description - TX2SA-4.5V-Z

ManufacturerPart No.DatasheetDescription
Panasonic Battery Group
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
Panasonic Semiconductor
Panasonic Semiconductor
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
Omron Electronics LLC
Omron Electronics LLC
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
TOKYO SEIMITSU CO., LTD
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
Sangdest Microelectronic (Nanjing) Co., Ltd
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
Schurter Inc.
Schurter Inc.
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
   AC Filter, Broad Band Attenuation
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz