Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP170A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 5KP170A
Description  TRANSZORB Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5KP170A Datasheet(HTML) 2 Page - Vishay Siliconix

  5KP170A Datasheet HTML 1Page - Vishay Siliconix 5KP170A Datasheet HTML 2Page - Vishay Siliconix 5KP170A Datasheet HTML 3Page - Vishay Siliconix 5KP170A Datasheet HTML 4Page - Vishay Siliconix 5KP170A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5KP5.0A thru 5KP188A
www.vishay.com
Vishay General Semiconductor
Revision: 20-Nov-12
2
Document Number: 88308
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
ELECTRICAL CHARACTERISTICS (JEDEC REGISTERED DATA) (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
MAXIMUM TEMP.
COEFFICIENT
OF VBR
(%/°C)
MIN.
MAX.
5KP5.0A
6.4
7.00
50
5.0
2000
543
9.20
0.057
5KP6.0A
6.67
7.37
50
6.0
5000
485
10.3
0.061
5KP6.5A
7.22
7.98
50
6.5
2000
446
11.2
0.065
5KP7.0A
7.78
8.60
50
7.0
1000
417
12.0
0.068
5KP7.5A
8.33
9.21
5.0
7.5
250
388
12.9
0.073
5KP8.0A
8.89
9.83
5.0
8.0
150
368
13.6
0.075
5KP8.5A
9.44
10.4
5.0
8.5
50
347
14.4
0.078
5KP9.0A
10.0
11.1
5.0
9.0
20
325
15.4
0.081
5KP10A
11.1
12.3
5.0
10.0
15
294
17.0
0.084
5KP11A
12.2
13.5
5.0
11.0
10
275
18.2
0.086
5KP12A
13.3
14.7
5.0
12.0
5.0
251
19.9
0.088
5KP13A
14.4
15.9
5.0
13.0
2.0
233
21.5
0.090
5KP14A
15.6
17.2
5.0
14.0
2.0
216
23.2
0.092
5KP15A
16.7
18.5
5.0
15.0
2.0
205
24.4
0.094
5KP16A
17.8
19.7
5.0
16.0
2.0
192
26.0
0.096
5KP17A
18.9
20.9
5.0
17.0
2.0
181
27.6
0.097
5KP18A
20.0
22.1
5.0
18.0
2.0
171
29.2
0.098
5KP20A
22.2
24.5
5.0
20.0
2.0
154
32.4
0.099
5KP22A
24.4
26.9
5.0
22.0
2.0
141
35.5
0.100
5KP24A
26.7
29.5
5.0
24.0
2.0
129
38.9
0.101
5KP26A
28.9
31.9
5.0
26.0
2.0
119
42.1
0.101
5KP26A
28.9
31.9
5.0
26.0
2.0
119
42.1
0.101
5KP28A
31.1
34.4
5.0
28.0
2.0
110
45.4
0.102
5KP30A
33.3
36.8
5.0
30.0
2.0
103
48.4
0.103
5KP33A
36.7
40.6
5.0
33.0
2.0
93.8
53.3
0.104
5KP36A
40.0
44.2
5.0
36.0
2.0
86.1
58.1
0.104
5KP40A
44.4
49.1
5.0
40.0
2.0
77.5
64.5
0.105
5KP43A
47.8
52.8
5.0
43.0
2.0
72.0
69.4
0.105
5KP45A
50.0
55.3
5.0
45.0
2.0
68.8
72.7
0.106
5KP48A
53.3
58.9
5.0
48.0
2.0
64.6
77.4
0.106
5KP51A
56.7
62.7
5.0
51.0
2.0
60.7
82.4
0.107
5KP54A
60.0
66.3
5.0
54.0
2.0
57.4
87.1
0.107
5KP58A
64.4
71.2
5.0
58.0
2.0
53.4
94
0.107
5KP60A
66.7
73.7
5.0
60.0
2.0
51.7
97.0
0.108
5KP64A
71.1
78.6
5.0
64.0
2.0
48.5
103
0.108
5KP70A
77.8
86.0
5.0
70.0
2.0
44.2
113
0.108
5KP75A
83.3
92.1
5.0
75.0
2.0
41.3
121
0.108
5KP78A
86.7
95.8
5.0
78.0
2.0
39.7
126
0.108
5KP85A
94.4
104
5.0
85.0
2.0
36.5
137
0.110
5KP90A
100
111
5.0
90.0
2.0
34.2
146
0.110
5KP100A
111
123
5.0
100
2.0
30.9
162
0.110
5KP110A
122
135
5.0
110
2.0
28.2
177
0.112
5KP120A
133
147
5.0
120
2.0
25.9
193
0.112
5KP130A
144
159
5.0
130
2.0
23.9
209
0.112
5KP150A
167
185
5.0
150
2.0
20.6
243
0.112
5KP160A
178
197
5.0
160
2.0
19.3
259
0.112
5KP170A
189
209
5.0
170
2.0
18.2
275
0.112
5KP188A
209
231
5.0
188
2.0
15.2
328
0.112


Similar Part No. - 5KP170A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP170A LUGUANG-5KP170A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Dc Components
5KP170A DCCOM-5KP170A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
5KP170A LITTELFUSE-5KP170A Datasheet
980Kb / 6P
   Transient Voltage Suppression Diodes
5KP170A LITTELFUSE-5KP170A Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
5KP170A LUGUANG-5KP170A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP170A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KE22A-E3 VISHAY-P6KE22A-E3 Datasheet
324Kb / 16P
   TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
TGL41-33A-E3-96 VISHAY-TGL41-33A-E3-96 Datasheet
88Kb / 5P
   TRANSZorb Transient Voltage Suppressors
Revision: 11-Dec-12
5KP24A-E3 VISHAY-5KP24A-E3 Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
P6KE47A-E3 VISHAY-P6KE47A-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE170CA-E3 VISHAY-P6KE170CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
P6KE43CA-E3 VISHAY-P6KE43CA-E3 Datasheet
93Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
1.5KE6.8 VISHAY-1.5KE6.8 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
BZW04P-5V8 VISHAY-BZW04P-5V8_11 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
ICTE5 VISHAY-ICTE5 Datasheet
80Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 07-May-10
1N6377HE373 VISHAY-1N6377HE373 Datasheet
89Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com