Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2385MW-D550G Datasheet(PDF) 7 Page - Optoway Technology Inc

Part # SPS-2385MW-D550G
Description  80km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2385MW-D550G Datasheet(HTML) 7 Page - Optoway Technology Inc

  SPS-2385MW-D550G Datasheet HTML 1Page - Optoway Technology Inc SPS-2385MW-D550G Datasheet HTML 2Page - Optoway Technology Inc SPS-2385MW-D550G Datasheet HTML 3Page - Optoway Technology Inc SPS-2385MW-D550G Datasheet HTML 4Page - Optoway Technology Inc SPS-2385MW-D550G Datasheet HTML 5Page - Optoway Technology Inc SPS-2385MW-D550G Datasheet HTML 6Page - Optoway Technology Inc SPS-2385MW-D550G Datasheet HTML 7Page - Optoway Technology Inc SPS-2385MW-D550G Datasheet HTML 8Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Optoway
SPS-2385MW-DXXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2012 V2.0
7
RECOMMENDED CIRCUIT SCHEMATIC
0.1
μF
22
μF
0.1
μF
22
μF
Vee R
POST
Amp
LD
Driver
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
Vee T
4 .7
μH
4 .7
μH
TD -
TD +
Vcc T
Vcc R
RD -
RD +
100
Ω
SFP+ module
SerDes
100
Ω
LOS
RD -
RD +
TD -
TD +
0.1
μF
Protocol
EEPROM
MODULE DETECT
SCL
SDA
LOSS OF SINGAL
Tx_DISABLE
Tx_FAULT
MOD_ABS
SCL
SDA
10 K
Ω
10 K
Ω
10 K
Ω
10 K
Ω
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(10,11,14)
6
5
4
10 K
Ω
Vcc 3.3V
Vcc 3.3V
IC
IC
depending on SERDES
0.1
μF
30K
Ω
30K
Ω
RS1
RS0
7
9
TX Rate Select
RXRate Select
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - SPS-2385MW-D550G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2385MW OPTOWAY-SPS-2385MW_15 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW_2015 OPTOWAY-SPS-2385MW_2015 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2385MW-D550G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2381MW-DXXG OPTOWAY-SPS-2381MW-DXXG Datasheet
200Kb / 7P
   80km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW-D21G OPTOWAY-SPS-2381MW-D21G_11 Datasheet
202Kb / 7P
   80km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2345MW-DXXXG OPTOWAY-SPS-2345MW-DXXXG Datasheet
262Kb / 8P
   40 km / 50GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG OPTOWAY-SPS-2341MW-DXXG Datasheet
200Kb / 7P
   40km / DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-D21G OPTOWAY-SPS-2341MW-D21G_11 Datasheet
201Kb / 7P
   40km / 100GHz DWDM / 10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW_2015 OPTOWAY-SPS-2385MW_2015 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2341MW-DXXG_2015 OPTOWAY-SPS-2341MW-DXXG_2015 Datasheet
201Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW_2015 OPTOWAY-SPS-2381MW_2015 Datasheet
202Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2381MW OPTOWAY-SPS-2381MW_15 Datasheet
202Kb / 7P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-2385MW OPTOWAY-SPS-2385MW_15 Datasheet
207Kb / 8P
   10G Multirate Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com