Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2SA-L2-9V-Z Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # TXS2SA-L2-9V-Z
Description  Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2SA-L2-9V-Z Datasheet(HTML) 7 Page - Panasonic Semiconductor

  TXS2SA-L2-9V-Z Datasheet HTML 1Page - Panasonic Semiconductor TXS2SA-L2-9V-Z Datasheet HTML 2Page - Panasonic Semiconductor TXS2SA-L2-9V-Z Datasheet HTML 3Page - Panasonic Semiconductor TXS2SA-L2-9V-Z Datasheet HTML 4Page - Panasonic Semiconductor TXS2SA-L2-9V-Z Datasheet HTML 5Page - Panasonic Semiconductor TXS2SA-L2-9V-Z Datasheet HTML 6Page - Panasonic Semiconductor TXS2SA-L2-9V-Z Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TX-S
7
ds_61022_en_txs: 060213D
NOTES
For Cautions for Use, see Relay Technical Information.
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing (surface-mount
terminal type)
(1) Tape dimensions
(i) SA type
mm inch
(ii) SS type
mm inch
(2) Dimensions of plastic reel
mm inch
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A:
4.9 N {500gf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be
avoided.
Orientation (indicates PIN No.1) stripe
Stopper (gray)
Stopper (green)
Relays
Tape coming out direction
16.0
.630
.394
4.0
24.0 ±
0.3
.945 ±
.012
±0.2
9.2
±.008
.362
0.4
C
B
A
D
Relay polarity bar
(Z type)
2.0
11.5
1.75
15.5
.059
dia.
+.004
0
1.5
dia.
+0.1
0
.157
.016
.079
.069
.610
.453
10.0
8.0
.315
16.0
Relays
Tape coming out direction
.630
4.0
24.0 ±
0.3
.945 ±
.012
±0.2
10.8
±.008
.425
0.4
Relay polarity bar
(Z type)
2.0
11.5
15.5
1.75
.059
dia.
+.004
0
1.5
dia.
+0.1
0
.157
.016
.079
.069
.453
.610
2.0
.079
13 dia.
.512 dia.
21 dia.
.827 dia.
80 dia.
3.150 dia.
380 dia.
14.961 dia.
A
C
B


Similar Part No. - TXS2SA-L2-9V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-1.5V PANASONIC-TXS2-1.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-12V PANASONIC-TXS2-12V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-24V PANASONIC-TXS2-24V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-3V PANASONIC-TXS2-3V Datasheet
192Kb / 7P
   New pin layout (LT type) added
TXS2-4.5V PANASONIC-TXS2-4.5V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results

Similar Description - TXS2SA-L2-9V-Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com