Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-2381W-D51G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # XPS-2381W-D51G
Description  10Gbps / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2381W-D51G Datasheet(HTML) 4 Page - Optoway Technology Inc

  XPS-2381W-D51G Datasheet HTML 1Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 2Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 3Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 4Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 5Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 6Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 7Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 8Page - Optoway Technology Inc XPS-2381W-D51G Datasheet HTML 9Page - Optoway Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Optoway
XPS-2381W-DXXG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2010
V1.0
4
Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
High-Speed Signal (CML) Interface Specification
Input Data Rate
9.95
10.3125
10.5
Gb/s
6
Differential Input Impedance
Rin
100
Ω
Differential Data Input Amplitude
120
820
mVpp
7, Internally AC coupled
Output Data Rate
9.95
10.3125
10.5
Gb/s
6
Differential Output Impedance
Rout
100
Ω
Differential Data Output
Amplitude
340
650
850
mVpp
7, Internally AC coupled
Low-Speed Signal (LVTTL) Interface Specification
Input High Voltage
2.0
Vcc
V
Input Low Voltage
GND
0.8
V
Output High Voltage
2.4
Vcc
V
Output Low Voltage
GND
0.5
V
Reference Clock (LVPECL) Interface Specification
No reference clock required.
6. 10GBASE-ER/EW and 10G Fibre Channel.
7. The differential input and output amplitudes are per XFP MSA mask at points B’ and C’.
Transceiver Timing Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Notes
TX_DIS Assert Time
t_off
10
µs
TX_DIS Negate Time
t_on
2
ms
Time to Initialize
t_init
300
ms
Interrupt Assert Delay
interrupt_on
200
ms
Interrupt Negate Delay
interrupt_off
500
µs
P_Down/PST Assert Delay
P_Down/RST_on
100
µs
P_Down Nagate Delay
P_Down/RST_off
300
ms
Mod_NR Assert Delay
Mod_nr_on
1
ms
Mod_NR Negate Delay
Mod_nr_off
1
ms
Mod_Desel Assert Time
T_Mod_Desel
2
ms
Mod_Desel De-Assert Time
T_Mod_Sel
2
ms
P_Down Reset Time
T_reset
10
µs
RX_LOS Assert Delay
T_Los_on
100
µs
RX_LOS Negate Delay
T_Los_off
100
µs
Serial ID Clock Rate
fSCL
0
400
kHz


Similar Part No. - XPS-2381W-D51G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381MW-D22G OPTOWAY-XPS-2381MW-D22G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381MW-D23G OPTOWAY-XPS-2381MW-D23G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381MW-D24G OPTOWAY-XPS-2381MW-D24G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2381MW-D25G OPTOWAY-XPS-2381MW-D25G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
More results

Similar Description - XPS-2381W-D51G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2385W-D200G OPTOWAY-XPS-2385W-D200G Datasheet
252Kb / 11P
   10Gbps / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE / OC-192
XPS-2341W-D21G OPTOWAY-XPS-2341W-D21G Datasheet
256Kb / 10P
   10Gbps / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 10GbE
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2371W-CXX0G OPTOWAY-XPS-2371W-CXX0G Datasheet
235Kb / 9P
   10Gbps / 70 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
XPS-2381MW-D21G OPTOWAY-XPS-2381MW-D21G Datasheet
246Kb / 10P
   10G Multirate / 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2385MW-D200G OPTOWAY-XPS-2385MW-D200G Datasheet
252Kb / 11P
   10G Multirate / 80 km / 50 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-2341MW-D21G OPTOWAY-XPS-2341MW-D21G Datasheet
257Kb / 10P
   10G Multirate / 40 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver
XPS-4381W-D21G OPTOWAY-XPS-4381W-D21G Datasheet
238Kb / 10P
   8.5 Gbps/ 80 km / 100 GHz DWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-2340W-CXX0G OPTOWAY-XPS-2340W-CXX0G Datasheet
240Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2310W-CXX0G OPTOWAY-XPS-2310W-CXX0G Datasheet
295Kb / 9P
   10Gbps / CWDM XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com