Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C460DA3547-0309 Datasheet(PDF) 1 Page - Cree, Inc

Part # C460DA3547-0309
Description  Rectangular LED RF Performance High Reliability - Eutectic Attach
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460DA3547-0309 Datasheet(HTML) 1 Page - Cree, Inc

  C460DA3547-0309 Datasheet HTML 1Page - Cree, Inc C460DA3547-0309 Datasheet HTML 2Page - Cree, Inc C460DA3547-0309 Datasheet HTML 3Page - Cree, Inc C460DA3547-0309 Datasheet HTML 4Page - Cree, Inc C460DA3547-0309 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Subject to change without notice.
www.cree.com
FEATURES
• RectangularLEDRFPerformance
– 450&460nm–76mWmin
• HighReliability-EutecticAttach
• LowForwardVoltage(Vf)–3.1VTypicalat50mA
• MaximumDCForwardCurrent–150mA
• 1000-VESDThresholdRating
• InGaNJunction-DownDesignforImprovedThermal
Management
• NoWireBondsRequired
APPLICATIONS
• LargeLCDBacklighting
– Television
• GeneralIllumination
• MediumLCDBacklighting
– PortablePCs
– Monitors
• LEDVideoDisplays
• WhiteLEDs
Direct Attach DA3547™ LEDs
CxxxDA3547-Sxxx00
Data Sheet
Cree’sDirectAttachDA3547LEDsarethenextgenerationofsolid-stateLEDemittersthatcombinehighlyefficient
InGaN materials with Cree’s proprietary device technology and silicon-carbide substrates to deliver superior value
fortheTV-backlightingandgeneral-illuminationmarkets.TheDA3547LEDsareamongthebrightestinthetop-view
marketwhiledeliveringalowforwardvoltage,resultinginaverybrightandhighlyefficientsolution.Thebondpad-
downdesignallowsforeutecticdieattach,eliminatingtheneedforwirebonds,andenablessuperiorperformance
fromimprovedthermalmanagement.Thedesignisoptimallysuitedforindustry-standardtop-viewpackages.
CxxxDA3547-Sxxx00 Chip Diagram
Top View
Bottom View
Die Cross Section
Anode(+)
296x90μm
DA3547LED
350x470μm
t=155μm
Cathode(-)
296x236μm
Gap90μm


Similar Part No. - C460DA3547-0309

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460DA1000-0309 CREE-C460DA1000-0309 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C460DA1000-0310 CREE-C460DA1000-0310 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C460DA1000-0311 CREE-C460DA1000-0311 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C460DA1000-0312 CREE-C460DA1000-0312 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C460DA1000-0313 CREE-C460DA1000-0313 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
More results

Similar Description - C460DA3547-0309

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
C450DA1000-S48500 CREE-C450DA1000-S48500 Datasheet
462Kb / 5P
   Direct Attach LED Technology Rectangular LED RF Performance
450TR5050M-S18000 CREE-450TR5050M-S18000 Datasheet
375Kb / 5P
   High-Reliability Eutectic, Solder Paste or Preforms
logo
Chicago Miniature Lamp,...
CMD53124A CML-CMD53124A Datasheet
64Kb / 1P
   High Performance Rectangular LED Lamps
logo
Cree, Inc
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
   Rectangular LED RF performance Maximum DC forward current 150 mA
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
   Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com