Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TX2SA-L-5V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part No. TX2SA-L-5V
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SA-L-5V Datasheet(HTML) 7 Page - Panasonic Semiconductor

  TX2SA-L-5V Datasheet HTML 1Page - Panasonic Semiconductor TX2SA-L-5V Datasheet HTML 2Page - Panasonic Semiconductor TX2SA-L-5V Datasheet HTML 3Page - Panasonic Semiconductor TX2SA-L-5V Datasheet HTML 4Page - Panasonic Semiconductor TX2SA-L-5V Datasheet HTML 5Page - Panasonic Semiconductor TX2SA-L-5V Datasheet HTML 6Page - Panasonic Semiconductor TX2SA-L-5V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TX
7
ds_61022_en_tx: 060213D
Schematic (Top view)
NOTES
For Cautions for Use, see Relay Technical Information.
Single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
2 coil latching (L2)
(Reset condition)
2 coil latching (LT)
(Reset condition)
Direction indication
1
3
4 5
12
10 9 8
+
Direction indication
1
3
4 5
12
10 9 8
+
Direction indication
+
+
12
10 9
8
7
1
3
4
5
6
Direction indication
+
+
12
10 9
8 7
1
3
4
5 6
1. Packing style
1) The relay is packed in a tube with the
relay orientation mark on the left side, as
shown in the figure below.
2) Tape and reel packing (surface-mount
terminal type)
(1) Tape dimensions
(i) SA type
mm inch
(ii) SS type
mm inch
(2) Dimensions of plastic reel
mm inch
2. Automatic insertion
To maintain the internal function of the
relay, the chucking pressure should not
exceed the values below.
Chucking pressure in the direction A:
4.9 N {500gf} or less
Chucking pressure in the direction B:
9.8 N {1 kgf} or less
Chucking pressure in the direction C:
9.8 N {1 kgf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
In addition, excessive chucking pressure
to the pinpoint of the relay should be
avoided.
Orientation (indicates PIN No.1) stripe
Stopper (gray)
Stopper (green)
Relays
Tape coming out direction
16.0
.630
.394
4.0
24.0 ±
0.3
.945 ±
.012
±0.2
9.2
±.008
.362
0.4
C
B
A
D
Relay polarity bar
(Z type)
2.0
11.5
1.75
15.5
.059
dia.
+.004
0
1.5
dia.
+0.1
0
.157
.016
.079
.069
.610
.453
10.0
8.0
.315
16.0
Relays
Tape coming out direction
.630
4.0
24.0 ±
0.3
.945 ±
.012
±0.2
10.8
±.008
.425
0.4
Relay polarity bar
(Z type)
2.0
11.5
15.5
1.75
.059
dia.
+.004
0
1.5
dia.
+0.1
0
.157
.016
.079
.069
.453
.610
2.0
.079
13 dia.
.512 dia.
21 dia.
.827 dia.
80 dia.
3.150 dia.
380 dia.
14.961 dia.
A
C
B


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn