Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TX2SA-48V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. TX2SA-48V
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SA-48V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  TX2SA-48V Datasheet HTML 1Page - Panasonic Semiconductor TX2SA-48V Datasheet HTML 2Page - Panasonic Semiconductor TX2SA-48V Datasheet HTML 3Page - Panasonic Semiconductor TX2SA-48V Datasheet HTML 4Page - Panasonic Semiconductor TX2SA-48V Datasheet HTML 5Page - Panasonic Semiconductor TX2SA-48V Datasheet HTML 6Page - Panasonic Semiconductor TX2SA-48V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TX
3
ds_61022_en_tx: 060213D
RATING
1. Coil data
1) Single side stable
2) 1 coil latching
3) 2 coil latching (L2, LT)
*Pulse drive (JIS C 5442-1986)
Nominal coil
voltage
Pick-up voltage
(at 20
C 68F)
Drop-out voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
93.8mA
16
140mW
150%V of
nominal voltage
3V DC
46.7mA
64.3
4.5V DC
31mA
145
5V DC
28.1mA
178
6V DC
23.3mA
257
9V DC
15.5mA
579
12V DC
11.7mA
1,028
24V DC
5.8mA
4,114
48V DC
5.6mA
8,533
270mW
120%V of
nominal voltage
Nominal coil
voltage
Set voltage
(at 20
C 68F)
Reset voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
66.7mA
22.5
100mW
150%V of
nominal voltage
3V DC
33.3mA
90
4.5V DC
22.2mA
202.5
5V DC
20mA
250
6V DC
16.7mA
360
9V DC
11.1mA
810
12V DC
8.3mA
1,440
24V DC
4.2mA
5,760
Nominal coil
voltage
Set voltage
(at 20
C 68F)
Reset voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
133.9mA
133.9mA
11.2
11.2
200mW
200mW
150%V of
nominal voltage
3V DC
66.7mA
66.7mA
45
45
4.5V DC
44.5mA
44.5mA
101.2
101.2
5V DC
40mA
40mA
125
125
6V DC
33.3mA
33.3mA
180
180
9V DC
22.2mA
22.2mA
405
405
12V DC
16.7mA
16.7mA
720
720
24V DC
8.3mA
8.3mA
2,880
2,880


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn