Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKH102JA5B Datasheet(PDF) 39 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKH102JA5B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKH102JA5B Datasheet(HTML) 39 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKH102JA5B Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. DE11XKH102JA5B Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
C85E.pdf
Jul.13,2011
The lead wire should be immersed into the melted solder of
350
±10°C up to about 1.5 to 2mm from the main body for
3.5
±0.5 sec.
Pre-treatment:
Capacitor should be stored at 125
±3°C for 1 hr., then placed
at room condition* for 24
±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 24
±2 hrs. at room condition.*
12
Soldering Effect
(Non-Preheat)
Appearance
No marked defect
Capacitance
Change
Within
±10%
Dielectric Strength
(Between Lead
Wires)
Per item 4.
Continued on the following page.
*1
"Room condition" Temperature: 15 to 35
°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
T. C.
-25 to +85
°C
Temp. Char.
Within
±15%
Within
±20%
+85 to +125
°C
Within +15/-30%
R
C
Step
Temp. (
°C)
1
20
±2
2
-25
±3
3
20
±2
4
125
±2
5
20
±2
The lead wire of a capacitor should be dipped into a ethanol
solution of 25wt% rosin and then into molten solder for 2
±0.5
sec. In both cases the depth of dipping is up to about 1.5 to
2mm from the root of lead wires.
Temp. of solder: Lead Free Solder (Sn-3Ag-0.5Cu) 245
±5°C
H63 Eutectic Solder 235
±5°C
11
Solderability of Leads
Lead wire should be soldered with
uniform coating on the axial direction
over 3/4 of the circumferential direction.
The capacitor should be firmly soldered to the supporting lead
wire and vibrated at a frequency range of 10 to 55Hz, 1.5mm in
total amplitude, with about a 1-minute rate of vibration change
from 10Hz to 55Hz and back to 10Hz. Apply for a total of 6 hrs.,
2 hrs. each in 3 mutually perpendicular directions.
10
Vibration
Resistance
Appearance
No marked defect
Capacitance
Within specified tolerance
D.F.
Char. R: 0.2% max.
Char. C: 0.3% max.
As shown in the figure at right, fix the body of
the capacitor and apply a tensile weight
gradually to each lead wire in the radial
direction of the capacitor up to 10N (5N for
lead diameter 0.5mm), and keep it for 10
±1
sec.
9
Strength of Lead
Pull
Lead wire should not be cut off.
Capacitor should not be broken.
Bending
Each lead wire should be subjected to 5N (2.5N for lead
diameter 0.5mm) of weight and bent 90
° at the point of egress,
in one direction, then returned to its original position and bent
90
° in the opposite direction at the rate of one bend in 2 to 3
sec.
The capacitance measurement should be made at each step
specified in the Table.
Pre-treatment: Capacitor should be stored at 125
±3°C for 1 hr., then placed at
room condition* for 24
±2 hrs. before measurements.
8
Temperature Characteristics
The dissipation factor should be measured at 20
°C with
1
±0.2kHz and AC5V(r.m.s.) max.
7
Dissipation Factor (D.F.)
Char. R: 0.2% max.
Char. C: 0.3% max.
The capacitance should be measured at 20
°C with 1±0.2kHz
and AC5V(r.m.s.) max.
6
Capacitance
Within specified tolerance
The insulation resistance should be measured with
DC500
±50V within 60±5 sec. of charging.
5
Insulation
Resistance (I.R.)
Between Lead
Wires
10000M
Ω min.
The capacitor should not be damaged when DC voltage of
200% of the rated voltage (DC1 to 3.15kV) or DC voltage of
250% of the rated voltage (DC500V) is applied between the
lead wires for 1 to 5 sec.
(Charge/Discharge current
V50mA)
4
Dielectric
Strength
Between Lead
Wires
No failure
Body Insulation
No failure
The capacitor is placed in the container with
metal balls of diameter 1mm so that each
lead wire, short circuited, is kept about 2mm
off the metal balls as shown in the figure at
right, and AC1250V(r.m.s.) <50/60Hz> is
applied for 1 to 5 sec. between capacitor
lead wires and metal balls.
(Charge/Discharge current
V50mA)
The capacitor should be visually inspected.
3
Marking
To be easily legible
The capacitor should be visually inspected for evidence of
defect. Dimensions should be measured with slide calipers.
2
Appearance and Dimensions
No visible defect, and dimensions are
within specified range.
1
Operating Temperature Range
-25 to +125
°C
No.
Test Method
Specifications
Item
DEH Series (125
°C Guaranteed / Low-dissipation Factor / DC250V-3.15kV) Specifications and Test Methods
W
About 2mm
Metal balls
DEH Series Specifications and Test Methods
37
7
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XKH102JA5B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKH102JA2A MURATA-DE11XKH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XKH102JA5B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com