Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2SA-5V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TX2SA-5V
Description  Best seller with broad lineup and AC 2000 V breakdown voltage.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TX2SA-5V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TX2SA-5V Datasheet HTML 1Page - Panasonic Semiconductor TX2SA-5V Datasheet HTML 2Page - Panasonic Semiconductor TX2SA-5V Datasheet HTML 3Page - Panasonic Semiconductor TX2SA-5V Datasheet HTML 4Page - Panasonic Semiconductor TX2SA-5V Datasheet HTML 5Page - Panasonic Semiconductor TX2SA-5V Datasheet HTML 6Page - Panasonic Semiconductor TX2SA-5V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TX
2
ds_61022_en_tx: 060213D
TYPES
1. Standard PC board terminal
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2. Surface-mount terminal
1) Tube packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SS type: S
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2) Tape and reel packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SS type: S
Standard packing: Tape and reel: 500 pcs.; Case: 1,000 pcs.
Notes: 1. Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available.
2. Please add “-1” to the end of the part number for AgPd contacts (low level load).
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TX2-1.5V
TX2-L-1.5V
TX2-L2-1.5V
TX2-LT-1.5V
3V DC
TX2-3V
TX2-L-3V
TX2-L2-3V
TX2-LT-3V
4.5V DC
TX2-4.5V
TX2-L-4.5V
TX2-L2-4.5V
TX2-LT-4.5V
5V DC
TX2-5V
TX2-L-5V
TX2-L2-5V
TX2-LT-5V
6V DC
TX2-6V
TX2-L-6V
TX2-L2-6V
TX2-LT-6V
9V DC
TX2-9V
TX2-L-9V
TX2-L2-9V
TX2-LT-9V
12V DC
TX2-12V
TX2-L-12V
TX2-L2-12V
TX2-LT-12V
24V DC
TX2-24V
TX2-L-24V
TX2-L2-24V
TX2-LT-24V
48V DC
TX2-48V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2c
1.5V DC
TX2S
-1.5V
TX2S
-L-1.5V
TX2S
-L2-1.5V
TX2S
-LT-1.5V
3V DC
TX2S
-3V
TX2S
-L-3V
TX2S
-L2-3V
TX2S
-LT-3V
4.5V DC
TX2S
-4.5V
TX2S
-L-4.5V
TX2S
-L2-4.5V
TX2S
-LT-4.5V
5V DC
TX2S
-5V
TX2S
-L-5V
TX2S
-L2-5V
TX2S
-LT-5V
6V DC
TX2S
-6V
TX2S
-L-6V
TX2S
-L2-6V
TX2S
-LT-6V
9V DC
TX2S
-9V
TX2S
-L-9V
TX2S
-L2-9V
TX2S
-LT-9V
12V DC
TX2S
-12V
TX2S
-L-12V
TX2S
-L2-12V
TX2S
-LT-12V
24V DC
TX2S
-24V
TX2S
-L-24V
TX2S
-L2-24V
TX2S
-LT-24V
48V DC
TX2S
-48V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TX2S
-1.5V-Z
TX2S
-L-1.5V-Z
TX2S
-L2-1.5V-Z
TX2S
-LT-1.5V-Z
3V DC
TX2S
-3V-Z
TX2S
-L-3V-Z
TX2S
-L2-3V-Z
TX2S
-LT-3V-Z
4.5V DC
TX2S
-4.5V-Z
TX2S
-L-4.5V-Z
TX2S
-L2-4.5V-Z
TX2S
-LT-4.5V-Z
5V DC
TX2S
-5V-Z
TX2S
-L-5V-Z
TX2S
-L2-5V-Z
TX2S
-LT-5V-Z
6V DC
TX2S
-6V-Z
TX2S
-L-6V-Z
TX2S
-L2-6V-Z
TX2S
-LT-6V-Z
9V DC
TX2S
-9V-Z
TX2S
-L-9V-Z
TX2S
-L2-9V-Z
TX2S
-LT-9V-Z
12V DC
TX2S
-12V-Z
TX2S
-L-12V-Z
TX2S
-L2-12V-Z
TX2S
-LT-12V-Z
24V DC
TX2S
-24V-Z
TX2S
-L-24V-Z
TX2S
-L2-24V-Z
TX2S
-LT-24V-Z
48V DC
TX2S
-48V-Z


Similar Part No. - TX2SA-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results

Similar Description - TX2SA-5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
TX PANASONICBATTERY-TX Datasheet
126Kb / 6P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Panasonic Semiconductor
TX2SA-L-3V PANASONIC-TX2SA-L-3V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
TX2SL-12V PANASONIC-TX2SL-12V Datasheet
3Mb / 7P
   Best seller with broad lineup and AC 2000 V breakdown voltage.
logo
Omron Electronics LLC
G2R-1-DC12 OMRON-G2R-1-DC12 Datasheet
2Mb / 14P
   The Best Seller G2R
G2R1AEASIDC24 OMRON-G2R1AEASIDC24 Datasheet
2Mb / 14P
   The Best Seller G2R
logo
TOKYO SEIMITSU CO., LTD
W-GM-4200 ACCRETECH-W-GM-4200 Datasheet
356Kb / 2P
   Best Seller Machine W-GM-Series
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
   Breakdown voltage range: 220 V
logo
New Jersey Semi-Conduct...
C45 NJSEMI-C45 Datasheet
262Kb / 3P
   Broad Voltage Range?봘p to 800 V
2N1770 NJSEMI-2N1770 Datasheet
343Kb / 1P
   BROAD VOLTAGE RANGE
logo
Nais(Matsushita Electri...
DSBT NAIS-DSBT Datasheet
75Kb / 3P
   4,000 V BREAKDOWN VOLTAGE DS RELAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com