Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG213DQ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG213DQ
Description  Quad Complementary CMOS Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG213DQ Datasheet(HTML) 3 Page - Vishay Siliconix

  DG213DQ Datasheet HTML 1Page - Vishay Siliconix DG213DQ Datasheet HTML 2Page - Vishay Siliconix DG213DQ Datasheet HTML 3Page - Vishay Siliconix DG213DQ Datasheet HTML 4Page - Vishay Siliconix DG213DQ Datasheet HTML 5Page - Vishay Siliconix DG213DQ Datasheet HTML 6Page - Vishay Siliconix DG213DQ Datasheet HTML 7Page - Vishay Siliconix DG213DQ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DG213
Vishay Siliconix
Document Number: 70662
S-00787—Rev. F, 17-Apr-00
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONS
Test Conditions
Unless Otherwise Specified
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VL = 5 V, VIN = 2.4 V, 0.8 Ve
Tempa
Minc
Typb
Maxc
Unit
Power Supply
Positive Supply Current
I+
VIN = 0 or 5 V
Room
Full
1
5
A
Negative Supply Current
I–
VIN = 0 or 5 V
Room
Full
–1
–5
mA
Logic Supply Current
IL
Room
Full
1
5
Power Supply Range for
Continuous Operation
VOP
Full
"3
"22
V
SPECIFICATIONS FOR UNIPOLAR SUPPLY
Test Conditions
Unless Otherwise Specified
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 12 V, V– = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 Ve
Tempa
Minc
Typb
Maxc
Unit
Analog Switch
Analog Signal Ranged
VANALOG
Full
V–
V+
V
Drain-Source On-Resistance
rDS(on)
VD = 3 V, 8 V, IS = 1 mA
Room
Full
90
110
140
W
Dynamic Characteristics
Turn-On Time
tON
See Figure 2
Room
125
200
Turn-Off Time
tOFF
See Figure 2
Room
45
100
ns
Break-Before-Make Time Delay
tD
VS = 8 V, See Figure 3
Room
50
80
Charge Injection
Q
CL = 1 nF, Vgen= 6 V, Rgen = 0 W
Room
4
pC
Power Supply
Positive Supply Current
I+
VIN = 0 or 5 V
Room
Full
1
5
A
Negative Supply Current
I–
VIN = 0 or 5 V
Room
Full
–1
–5
mA
Logic Supply Current
IL
Room
Full
1
5
Power Supply Range for
Continuous Operation
VOP
Full
)3
)40
V
Notes:
a.
Room = 25
_C, Full = as determined by the operating temperature suffix.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Guaranteed by design, not subject to production test.
e.
VIN = input voltage to perform proper function.


Similar Part No. - DG213DQ

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG213DQ TEMIC-DG213DQ Datasheet
98Kb / 7P
   Quad Complementary CMOS Analog Switch
logo
Vishay Siliconix
DG213DQ VISHAY-DG213DQ Datasheet
103Kb / 8P
   Quad Complementary CMOS Analog Switch
Rev. F, 17-Apr-00
More results

Similar Description - DG213DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG213 VISHAY-DG213 Datasheet
103Kb / 8P
   Quad Complementary CMOS Analog Switch
Rev. F, 17-Apr-00
DG213 VISHAY-DG213_V01 Datasheet
262Kb / 14P
   Quad Complementary CMOS Analog Switch
08-Feb-17
logo
TEMIC Semiconductors
DG213 TEMIC-DG213 Datasheet
98Kb / 7P
   Quad Complementary CMOS Analog Switch
logo
Intersil Corporation
IH5053 INTERSIL-IH5053 Datasheet
66Kb / 5P
   Quad CMOS Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
   Quad SPST CMOS Analog Switch
April 9, 2012
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
   CMOS QUAD SPST ANALOG SWITCH
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
85Kb / 7P
   CMOS Quad SPST Analog Switch
January 2000
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
   Quad SPST CMOS Analog Switch
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com