Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRR1260-181K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRR1260-181K
Description  SRR1260 Series - Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRR1260-181K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRR1260-181K Datasheet HTML 1Page - Bourns Electronic Solutions SRR1260-181K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Typ.
Max.
Max.
Typ.
(MHz)
(MHz)
(mΩ)
(A)
(A)
SRR1260-1R0Y
1.0
± 30
26
7.96
100.00
7.8
9.40
10.00
SRR1260-1R2Y
1.2
± 30
18
7.96
91.10
8.0
9.20
9.80
SRR1260-1R5Y
1.5
± 30
24
7.96
86.00
9.5
8.80
9.90
SRR1260-2R2Y
2.2
± 30
22
7.96
70.00
10.5
8.20
8.50
SRR1260-2R4Y
2.4
± 30
18
7.96
63.80
11.5
7.80
8.00
SRR1260-3R3Y
3.3
± 30
20
7.96
40.00
12.0
7.60
7.80
SRR1260-3R5Y
3.5
± 30
22
7.96
37.60
13.0
7.50
7.60
SRR1260-4R7Y
4.7
± 30
19
7.96
36.70
15.5
6.80
7.00
SRR1260-5R6Y
5.6
± 30
19
7.96
33.00
16.2
6.70
6.90
SRR1260-6R1Y
6.1
± 30
21
7.96
29.80
17.0
6.60
6.80
SRR1260-6R8Y
6.8
± 30
20
7.96
28.20
18.0
6.30
6.50
SRR1260-7R6Y
7.6
± 30
16
7.96
27.90
19.0
6.00
6.20
SRR1260-8R2Y
8.2
± 30
18
7.96
24.00
19.5
5.70
5.80
SRR1260-100M
10.0
± 20
32
2.52
21.00
20.0
5.50
5.50
SRR1260-120M
12.0
± 20
27
2.52
19.40
23.0
5.20
5.00
SRR1260-150M
15.0
± 20
25
2.52
17.60
27.0
5.00
4.60
SRR1260-180M
18.0
± 20
28
2.52
15.50
36.0
4.20
3.90
SRR1260-220M
22.0
± 20
29
2.52
13.40
43.0
4.00
3.70
SRR1260-270M
27.0
± 20
26
2.52
12.70
45.0
3.60
3.30
SRR1260-330M
33.0
± 20
27
2.52
9.97
60.0
3.00
2.80
SRR1260-390M
39.0
± 20
22
2.52
10.40
70.0
2.80
2.70
SRR1260-470M
47.0
± 20
22
2.52
7.63
86.0
2.60
2.50
SRR1260-560M
56.0
± 20
24
2.52
7.92
100.0
2.30
2.20
SRR1260-680M
68.0
± 20
22
2.52
7.43
110.0
2.10
2.10
SRR1260-820M
82.0
± 20
25
2.52
6.85
145.0
1.95
1.90
SRR1260-101M
100.0
± 20
26
0.796
6.07
180.0
1.70
1.70
SRR1260-121K
120.0
± 10
26
0.796
5.50
210.0
1.65
1.65
SRR1260-151K
150.0
± 10
20
0.796
5.00
260.0
1.55
1.55
SRR1260-181K
180.0
± 10
26
0.796
4.50
320.0
1.40
1.40
SRR1260-221K
220.0
± 10
22
0.796
4.20
380.0
1.38
1.30
SRR1260-271K
270.0
± 10
20
0.796
3.60
450.0
1.30
1.20
SRR1260-331K
330.0
± 10
22
0.796
3.20
580.0
1.15
1.10
SRR1260-391K
390.0
± 10
20
0.796
2.80
700.0
1.08
1.00
SRR1260-471K
470.0
± 10
18
0.796
2.60
820.0
0.95
0.90
SRR1260-561K
560.0
± 10
22
0.796
2.40
1000.0
0.88
0.80
SRR1260-681K
680.0
± 10
18
0.796
2.20
1150.0
0.80
0.75
SRR1260-821K
820.0
± 10
20
0.796
2.00
1500.0
0.73
0.63
SRR1260-102K
1000.0
± 10
30
0.252
1.80
1700.0
0.68
0.60
SRR1260 Series - Shielded SMD Power Inductors
Features
Available in E12 values
Inductance as low as 1.0 µH
Current rating to 9.4 amps
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
100
12.5 ± 0.3
(.492 ± .012)
12.5 ± 0.3
(.492 ± .012)
6.0 ± 0.5
(.236 ± .020)
5.0 ± 0.3
(.197 ± .012)
7.0
(.276)
TYP.
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core ............................Ferrite DR and RI
Wire .............Enameled copper wire 130
Terminal.....................................Cu/Ni/Sn
Rated Current
....................Ind. drop 25 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ....................600 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
2.9
(.114)
REF.
2.9
(.114)
REF.
5.4
(.213)
REF.
6.8
(.268)
REF.


Similar Part No. - SRR1260-181K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1260-180M BOURNS-SRR1260-180M Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRR1260-181K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com