Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5324BRMZ-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5324BRMZ-REEL7
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5324BRMZ-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5324BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5324BRMZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5304/AD5314/AD5324
Data Sheet
Rev. H | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.5
0
–0.5
–1.0
0
50
100
150
200
250
CODE
TA = 25°C
VDD = 5V
Figure 5. AD5304 Typical INL Plot
3
0
–1
–3
2
1
–2
0
200
400
600
800
1000
CODE
TA = 25°C
VDD = 5V
Figure 6. AD5314 Typical INL Plot
12
0
–4
–12
8
4
–8
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
TA = 25°C
VDD = 5V
Figure 7. AD5324 Typical INL Plot
0.3
0.1
0
–0.2
0.2
–0.1
–0.3
0
50
100
150
200
250
CODE
TA = 25°C
VDD = 5V
Figure 8. AD5304 Typical DNL Plot
0.6
0.2
0
–0.4
0.4
–0.2
–0.6
0
200
400
600
800
1000
CODE
TA = 25°C
VDD = 5V
Figure 9. AD5314 Typical DNL Plot
1.0
0
–1.0
0.5
–0.5
0
500
1000
1500
2000
2500
3000
3500
4000
CODE
TA = 25°C
VDD = 5V
Figure 10. AD5324 Typical DNL Plot


Similar Part No. - AD5324BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5324BRMZ-REEL7 AD-AD5324BRMZ-REEL7 Datasheet
607Kb / 24P
   Quad Voltage Output DACs
More results

Similar Description - AD5324BRMZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5324BRMZ AD-AD5324BRMZ Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304ARM AD-AD5304ARM Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324 AD-AD5324_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304 AD-AD5304_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5314 AD-AD5314_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com