Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS2-24V Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # TXS2-24V
Description  Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TXS2-24V Datasheet(HTML) 2 Page - Panasonic Semiconductor

  TXS2-24V Datasheet HTML 1Page - Panasonic Semiconductor TXS2-24V Datasheet HTML 2Page - Panasonic Semiconductor TXS2-24V Datasheet HTML 3Page - Panasonic Semiconductor TXS2-24V Datasheet HTML 4Page - Panasonic Semiconductor TXS2-24V Datasheet HTML 5Page - Panasonic Semiconductor TXS2-24V Datasheet HTML 6Page - Panasonic Semiconductor TXS2-24V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TX-S
2
ds_61022_en_txs: 060213D
TYPES
1. Standard PC board terminal
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2. Surface-mount terminal
1) Tube packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SS type: S
Standard packing: Tube: 40 pcs.; Case: 1,000 pcs.
Note: Please add “-1” to the end of the part number for AgPd contacts (low level load).
2) Tape and reel packing
: For each surface-mounted terminal identification, input the following letter. SA type: A, SS type: S
Standard packing: Tape and reel: 500 pcs.; Case: 1,000 pcs.
Notes: 1. Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available.
2. Please add “-1” to the end of the part number for AgPd contacts (low level load). (Ex. TXS2SA-1.5V-1-Z)
RATING
1. Coil data
1) Single side stable
2) 1 coil latching
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TXS2-1.5V
TXS2-L-1.5V
TXS2-L2-1.5V
TXS2-LT-1.5V
3V DC
TXS2-3V
TXS2-L-3V
TXS2-L2-3V
TXS2-LT-3V
4.5V DC
TXS2-4.5V
TXS2-L-4.5V
TXS2-L2-4.5V
TXS2-LT-4.5V
6V DC
TXS2-6V
TXS2-L-6V
TXS2-L2-6V
TXS2-LT-6V
9V DC
TXS2-9V
TXS2-L-9V
TXS2-L2-9V
TXS2-LT-9V
12V DC
TXS2-12V
TXS2-L-12V
TXS2-L2-12V
TXS2-LT-12V
24V DC
TXS2-24V
TXS2-L-24V
TXS2-L2-24V
TXS2-LT-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TXS2S
-1.5V
TXS2S
-L-1.5V
TXS2S
-L2-1.5V
TXS2S
-LT-1.5V
3V DC
TXS2S
-3V
TXS2S
-L-3V
TXS2S
-L2-3V
TXS2S
-LT-3V
4.5V DC
TXS2S
-4.5V
TXS2S
-L-4.5V
TXS2S
-L2-4.5V
TXS2S
-LT-4.5V
6V DC
TXS2S
-6V
TXS2S
-L-6V
TXS2S
-L2-6V
TXS2S
-LT-6V
9V DC
TXS2S
-9V
TXS2S
-L-9V
TXS2S
-L2-9V
TXS2S
-LT-9V
12V DC
TXS2S
-12V
TXS2S
-L-12V
TXS2S
-L2-12V
TXS2S
-LT-12V
24V DC
TXS2S
-24V
TXS2S
-L-24V
TXS2S
-L2-24V
TXS2S
-LT-24V
Contact
arrangement
Nominal coil
voltage
Single side stable
1 coil latching
2 coil latching (L2)
2 coil latching (LT)
Part No.
Part No.
Part No.
Part No.
2 Form C
1.5V DC
TXS2S
-1.5V-Z
TXS2S
-L-1.5V-Z
TXS2S
-L2-1.5V-Z
TXS2S
-LT-1.5V-Z
3V DC
TXS2S
-3V-Z
TXS2S
-L-3V-Z
TXS2S
-L2-3V-Z
TXS2S
-LT-3V-Z
4.5V DC
TXS2S
-4.5V-Z
TXS2S
-L-4.5V-Z
TXS2S
-L2-4.5V-Z
TXS2S
-LT-4.5V-Z
6V DC
TXS2S
-6V-Z
TXS2S
-L-6V-Z
TXS2S
-L2-6V-Z
TXS2S
-LT-6V-Z
9V DC
TXS2S
-9V-Z
TXS2S
-L-9V-Z
TXS2S
-L2-9V-Z
TXS2S
-LT-9V-Z
12V DC
TXS2S
-12V-Z
TXS2S
-L-12V-Z
TXS2S
-L2-12V-Z
TXS2S
-LT-12V-Z
24V DC
TXS2S
-24V-Z
TXS2S
-L-24V-Z
TXS2S
-L2-24V-Z
TXS2S
-LT-24V-Z
Nominal coil
voltage
Pick-up voltage
(at 20
C 68F)
Drop-out voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F)
1.5V DC
80%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
33.3mA
45
50mW
150%V of
nominal voltage
3V DC
16.7mA
180
4.5V DC
11.1mA
405
6V DC
8.3mA
720
9V DC
5.6mA
1,620
12V DC
4.2mA
2,880
24V DC
2.9mA
8,229
70mW
Nominal coil
voltage
Set voltage
(at 20
C 68F)
Reset voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. applied voltage
(at 20
C 68F)
1.5V DC
80%V or less of
nominal voltage*
(Initial)
80%V or less of
nominal voltage*
(Initial)
23.3mA
64.3
35mW
150%V of
nominal voltage
3V DC
11.7mA
257
4.5V DC
7.8mA
579
6V DC
5.8mA
1,029
9V DC
3.9mA
2,314
12V DC
2.9mA
4,114
24V DC
2.1mA
11,520
50mW


Similar Part No. - TXS2-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TXS2-24V PANASONIC-TXS2-24V Datasheet
192Kb / 7P
   New pin layout (LT type) added
More results

Similar Description - TXS2-24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Panasonic Semiconductor
TXS2L-H-1-1-X PANASONIC-TXS2L-H-1-1-X Datasheet
192Kb / 7P
   New pin layout (LT type) added
logo
Vishay Siliconix
SST309-T1-E3 VISHAY-SST309-T1-E3 Datasheet
102Kb / 8P
   Very High System Sensitivity
Rev. H, 24-Jan-05
logo
Panasonic Semiconductor
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Melexis Microelectronic...
US2884 MELEXIS-US2884 Datasheet
515Kb / 11P
   Bipolar Hall Switch - Very High Sensitivity
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
711Kb / 25P
   very-high sensitivity light-to-digital
logo
Melexis Microelectronic...
US2881 MELEXIS-US2881_12 Datasheet
1Mb / 12P
   Bipolar Hall Switch ??Very High Sensitivity
US2884 MELEXIS-US2884_12 Datasheet
718Kb / 11P
   Bipolar Hall Switch ??Very High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com