Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC23318517 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # BFC23318517
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC23318517 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button BFC23318517 Datasheet HTML 4Page - Vishay Siliconix BFC23318517 Datasheet HTML 5Page - Vishay Siliconix BFC23318517 Datasheet HTML 6Page - Vishay Siliconix BFC23318517 Datasheet HTML 7Page - Vishay Siliconix BFC23318517 Datasheet HTML 8Page - Vishay Siliconix BFC23318517 Datasheet HTML 9Page - Vishay Siliconix BFC23318517 Datasheet HTML 10Page - Vishay Siliconix BFC23318517 Datasheet HTML 11Page - Vishay Siliconix BFC23318517 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MKP338 1 X1
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-13
10
Document Number: 28116
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C3
4.13.1 Initial measurements
Capacitance
Tangent of loss angle at 10 kHz
4.13
Impulse voltage
3 successive impulses, full wave, peak
voltage:
X1: 4 kV
Max. 24 pulses
No self healing breakdowns or flash-over
4.14
Endurance
Duration: 1000 h
1.25 x URAC at 105 °C
Once in every hour the voltage is increased to
1000 VRMS for 0.1 s via resistor of 47 ± 5 %
4.14.7 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  10 % compared to values measured
in 4.13.1.
Tangent of loss angle
Increase of tan
  0.008
Compared to values measured in 4.13.1.
Voltage proof
1900 VDC; 1 min between terminations
2380 VAC; 1 min between terminations
and case.
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C4
4.15
Charge and discharge
10 000 cycles
Charged to 615 VDC
Discharge resistance:
4.15.1 Initial measurements
Capacitance
Tangent of loss angle at 10 kHz
4.15.3 Final measurements
Capacitance
|
C/C|  10 % compared to values measured
in 4.15.1.
Tangent of loss angle
Increase of tan
  0.008
Compared to values measured in 4.15.1.
Insulation resistance
50 % of values specified in section
“Insulation Resistance” of this specification
SUB-GROUP C5
4.16
Radio frequency characteristic
Resonance frequency
 0.9 times value as specified in section
“Resonant Frequency” of this specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
R
615 V
DC
1.5 x C (dU/dt)
----------------------------------------
=


Similar Part No. - BFC23318517

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

Similar Description - BFC23318517

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com