Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5314ARM-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5314ARM-REEL7
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5314ARM-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5314ARM-REEL7 Datasheet HTML 7Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 8Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 9Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 10Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 11Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 12Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 13Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 14Page - Analog Devices AD5314ARM-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 11 of 24
300
350
400
450
500
550
600
IDD (µA)
VDD = 3V
VDD = 5V
Figure 23. IDD Histogram with VDD = 3 V and VDD = 5 V
2.50
2.47
2.48
2.49
1µs/DIV
Figure 24. AD5324 Major-Code Transition Glitch Energy
10
0
–10
–20
–30
–40
–50
–60
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 25. Multiplying Bandwidth (Small-Signal Frequency Response)
0.02
0.01
0
–0.01
–0.02
06
5
4
3
2
1
VREF (V)
VDD = 5V
TA = 25°C
Figure 26. Full-Scale Error vs. VREF
150ns/DIV
Figure 27. DAC-to-DAC Crosstalk


Similar Part No. - AD5314ARM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5314ARM-REEL7 AD-AD5314ARM-REEL7 Datasheet
607Kb / 24P
   Quad Voltage Output DACs
More results

Similar Description - AD5314ARM-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5324BRMZ AD-AD5324BRMZ Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304ARM AD-AD5304ARM Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5324 AD-AD5324_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5304 AD-AD5304_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5314 AD-AD5314_15 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com