Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1E-S-DC5V Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # DS1E-S-DC5V
Description  High Reliability Relay for Various Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DS1E-S-DC5V Datasheet(HTML) 3 Page - Panasonic Semiconductor

  DS1E-S-DC5V Datasheet HTML 1Page - Panasonic Semiconductor DS1E-S-DC5V Datasheet HTML 2Page - Panasonic Semiconductor DS1E-S-DC5V Datasheet HTML 3Page - Panasonic Semiconductor DS1E-S-DC5V Datasheet HTML 4Page - Panasonic Semiconductor DS1E-S-DC5V Datasheet HTML 5Page - Panasonic Semiconductor DS1E-S-DC5V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DS
ASCTB17E 201209-T
2. Specifications
Notes: *1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load. (TX/TX-S/TX-D relay AgPd contact type are available for low level load switching [10V DC, 10mA max. level])
*2 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*3 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C
2 Form C
Initial contact resistance, max.
Max. 50 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Ag+Au clad
Rating
Nominal switching capacity
2 A 30 V DC (resistive load)
Max. switching power
60 W, 125 VA (resistive load)
Max. switching voltage
220 V DC, 250 V AC
Max. carrying current
3 A
Min. switching capacity (Reference value)*1
10
µA 10m V DC
Nominal operating power
Single side stable (S type: 200 mW); latching (S type: 180 mW)
Electrical
characteristics
Insulation resistance (Initial)
Min. 100M
Ω (at 500V DC)
Measurement at same location as “Initial breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min.
(500 Vrms for 1min: 1 Form C type) (Detection current: 10mA.)
Between contact and coil
1,500 Vrms for 1min.
(1,000 Vrms for 1min: 1 Form C type) (Detection current: 10mA.)
Temperature rise
Max. 65
°C
(By resistive method, nominal coil voltage applied to the coil, contact carrying current: 2A.)
Operate time [Set time] (at 20
°C 68°F)
Max. 10 ms [10 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 5 ms [10 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock resistance
Functional*2
Min. 490 m/s2
Min. 490 m/s2
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 3.3 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 5 mm
Expected life
Mechanical
Min. 108 (107: 1 Form C latching type) (at 600 cpm)
Electrical
Min. 5
×105 rated load (at 60 cpm)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +70°C –40°F to +158°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed (at rated load)
60 cpm
Unit weight
Approx. 3 g .11 oz
Approx. 4g .14oz


Similar Part No. - DS1E-S-DC5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DS1E-S-DC5V NAIS-DS1E-S-DC5V Datasheet
129Kb / 6P
   HIGHLY SENSITIVE 1500 V FCC SURGE WITHSTANDING MINIATURE RELAY
logo
Panasonic Semiconductor
DS1E-S-DC5V PANASONIC-DS1E-S-DC5V Datasheet
333Kb / 7P
   HIGHLY SENSITIVE 1500 V FCC SURGE BREAKDOWN VOLTAGE MINIATURE RELAY
August 31,2009
More results

Similar Description - DS1E-S-DC5V

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCEW1158LDS-3C3K3-TR STANLEY-VCEW1158LDS-3C3K3-TR Datasheet
854Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCHW1154LDSE-3C9L4-TR STANLEY-VCHW1154LDSE-3C9L4-TR Datasheet
878Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
VCHW1158LDS-3C5A3-TR STANLEY-VCHW1158LDS-3C5A3-TR Datasheet
738Kb / 25P
   High reliability(for automotive applications and other high-reliability required applications)
logo
TEMEX
RHX3700 TEMEX-RHX3700 Datasheet
391Kb / 1P
   High reliability applications
RHX3500 TEMEX-RHX3500 Datasheet
429Kb / 1P
   High reliability applications
logo
Sanyo Semicon Device
2SC4671 SANYO-2SC4671 Datasheet
80Kb / 3P
   Various Drivers Applications
logo
Kemet Corporation
T540 KEMET-T540 Datasheet
1Mb / 24P
   COTS Polymer Electrolytic for High Reliability Applications
logo
Seme LAB
2N3904 SEME-LAB-2N3904 Datasheet
16Kb / 2P
   GENERAL PURPOSE NPN TRANSISTOR FOR HIGH RELIABILITY APPLICATIONS
logo
Infineon Technologies A...
IM512-L6A INFINEON-IM512-L6A Datasheet
945Kb / 20P
   chance for integrating various power and control components to increase reliability
Version 2.0 2017-12-07
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com