Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5227 Datasheet(PDF) 15 Page - Analog Devices

Part No. AD5227
Description  64-Position Up/Down Control Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5227 Datasheet(HTML) 15 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD5227
Rev. B | Page 15 of 1
6
OUTLINE DIMENSIONS
2.90 BSC
13
5
6
2
8
4
7
PIN 1
INDICATOR
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.10 MAX
*0.90
0.87
0.84
SEATING
PLANE
*1.00 MAX
0.20
0.08
0.60
0.45
0.30
2.80 BSC
*COMPLIANT TO JEDEC STANDARDS MO-193-BA WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
Figure 40. 8-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB1(kΩ)
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
AD5227BUJZ10-RL72
10
−40°C to +105°C
8-Lead TSOT
UJ-8
3000
D3G
AD5227BUJZ10-R22
10
−40°C to +105°C
8-Lead TSOT
UJ-8
250
D3G
AD5227BUJZ50-RL72
50
−40°C to +105°C
8-Lead TSOT
UJ-8
3000
D3H
AD5227BUJZ50-R22
50
−40°C to +105°C
8-Lead TSOT
UJ-8
250
D3H
AD5227BUJZ100-RL72
100
−40°C to +105°C
8-Lead TSOT
UJ-8
3000
D3J
AD5227BUJZ100-R22
100
−40°C to +105°C
8-Lead TSOT
UJ-8
250
D3J
AD5227EVAL
10
Evaluation Board
1
1 The end-to-end resistance RAB is available in 10 kΩ, 50 kΩ, and 100 kΩ versions. The final three characters of the part number determine the nominal resistance value,
for example, 10 kΩ = 10.
2 Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn