Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5227 Datasheet(PDF) 7 Page - Analog Devices

Part No. AD5227
Description  64-Position Up/Down Control Digital Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD5227 Datasheet(HTML) 7 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD5227
Rev. B | Page 7 of
16
TYPICAL PERFORMANCE CHARACTERISTICS
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
064
56
48
40
32
24
16
8
CODE (Decimal)
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 6. R-INL vs. Code vs. Temperature, VDD = 5 V
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
064
56
48
40
32
24
16
8
CODE (Decimal)
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 7. R-DNL vs. Code vs. Temperature, VDD = 5 V
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
064
56
48
40
32
24
16
8
CODE (Decimal)
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 8. INL vs. Code, VDD = 5 V
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
06
56
48
40
32
24
16
8
CODE (Decimal)
4
VDD = 5.5V
–40
°C
+25
°C
+85
°C
+105
°C
Figure 9. DNL vs. Code vs. Temperature, VDD = 5 V
0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.7V
Figure 10. Full-Scale Error vs. Temperature
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
–40
–20
0
20
40
60
100
80
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.7V
Figure 11. Zero-Scale Error vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn