Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP1A-DC5V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # DSP1A-DC5V
Description  1a 8A, 1a1b/2a 5A small polarized power relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DSP1A-DC5V Datasheet(HTML) 6 Page - Panasonic Semiconductor

  DSP1A-DC5V Datasheet HTML 1Page - Panasonic Semiconductor DSP1A-DC5V Datasheet HTML 2Page - Panasonic Semiconductor DSP1A-DC5V Datasheet HTML 3Page - Panasonic Semiconductor DSP1A-DC5V Datasheet HTML 4Page - Panasonic Semiconductor DSP1A-DC5V Datasheet HTML 5Page - Panasonic Semiconductor DSP1A-DC5V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DSP
ASCTB180E 201202-T
SAFETY STANDARDS
* Remarks: The standard certified for may differ depending on where the product was manufactured.
NOTES
For Cautions for Use.
Item
UL/C-UL (Recognized)
CSA (Certified)
TÜV (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Rating
1 Form A
E43028
8A 250V AC
1
/6HP 125, 250V AC
5A 30V DC
LR26550
etc.
8A 250V AC
1
/6HP 125, 250V AC
5A 30V DC
B 02 10
13461 238
8A 250V AC (cos
φ=1.0)
5A 250V AC (cos
φ=0.4)
5A 30V DC
1 Form A
1 Form B
E43028
5A 250V AC
1
/6HP 125, 250V AC
5A 30V DC
LR26550
etc.
5A 250V AC
1
/6HP 125, 250V AC
5A 30V DC
B 02 10
13461 238
5A 250V AC (cos
φ=1.0)
3A 250V AC (cos
φ=0.4)
5A 30V DC
2 Form A
E43028
5A 250V AC
1
/10HP 125, 250V AC
5A 30V DC
LR26550
etc.
5A 250V AC
1
/10HP 125, 250V AC
5A 30V DC
B 02 10
13461 238
5A 250V AC (cos
φ=1.0)
3A 250V AC (cos
φ=0.4)
5A 30V DC
1. Soldering conditions
Please obey the following conditions
when soldering automatically.
1) Preheating: Within 120
°C 248°F and
within 120 seconds
2) Soldering iron: 260
°C±5°C
500
°F±41°F and within 6 seconds
2. Cleaning
For automatic cleaning, the boiling
method is recommended. Avoid
ultrasonic cleaning which subjects the
relays to high frequency vibrations, which
may cause the contacts to stick.
It is recommended that a fluorinated
hydrocarbon or other alcoholic solvents
be used.
3. External magnetic field
Since DY relays are highly sensitive
polarized relays, their characteristics will
be affected by a strong external magnetic
field. Avoid using the relay under that
condition.
4. Coil operating power
Pure DC current should be applied to the
coil. The wave form should be
rectangular. If it includes ripple, the ripple
factor should be less than 5%.
However, check it with the actual circuit
since the characteristics may be slightly
different.
5. When using, please be aware that
the a contact and b contact sides of 1
Form A and 1 Form B types may go on
simultaneously at operate time and
release time.


Similar Part No. - DSP1A-DC5V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSP1A-DC5V NAIS-DSP1A-DC5V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP1a-DC5V ETC2-DSP1a-DC5V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1A-DC5V PANASONIC-DSP1A-DC5V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1A-DC5V-R NAIS-DSP1A-DC5V-R Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP1A-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
ST1-DC3V-F PANASONIC-ST1-DC3V-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
   1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
   1a1b/2a 8A polarized power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
   1a/1c 5A/10A small power relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com