Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUF76143P3 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. HUF76143P3
Description  75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

HUF76143P3 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76143P3, HUF76143S3S Rev. B1
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. SOURCE TO DRAIN ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
0
50
100
150
200
0123
45
VGS, GATE TO SOURCE VOLTAGE (V)
-40oC
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
150oC
0
50
100
150
200
0
1234
5
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3.5V
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 3V
VGS = 5V
VGS = 4V
VGS = 10V
DUTY CYCLE = 0.5% MAX
3
6
9
2
15
246
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 75A
ID = 50A
ID = 25A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.8
1.0
1.2
1.4
1.6
-60
0
60
120
180
0.7
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
VGS = 10V, ID = 75A
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
-60
0
60
120
180
0.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
1.0
1.1
1.2
-60
0
60
120
180
0.9
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
HUF76143P3, HUF76143S3S


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn