Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUF76137P3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. HUF76137P3
Description  75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUF76137P3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HUF76137P3 Datasheet HTML 2Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 3Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 4Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 5Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 6Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 7Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 8Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 9Page - Fairchild Semiconductor HUF76137P3 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
HUF76137P3, HUF76137S3S Rev. C1
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves (Continued)
COSS
3000
2000
0
05
15
25
2500
VDS, DRAIN TO SOURCE VOLTAGE (V)
1500
30
500
CISS
CRSS
10
20
1000
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
10
8
6
4
0
VDD = 15V
2
50
0
Qg, GATE CHARGE (nC)
10
ID = 75A
ID = 50A
ID = 25A
WAVEFORMS IN
DESCENDING ORDER:
30
20
40
60
200
20
30
40
50
0
1000
800
400
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 15V, ID = 52A, RL = 0.289Ω
600
tr
tf
td(ON)
td(OFF)
100
20
30
40
50
0
400
300
200
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF)
td(ON)
VGS = 10V, VDD = 15V, ID = 75A, RL = 0.20Ω
tr
tf
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
HUF76137P3, HUF76137S3S


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn