Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE11XKH102JA4B Datasheet(PDF) 66 Page - Murata Manufacturing Co., Ltd.

Part # DE11XKH102JA4B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XKH102JA4B Datasheet(HTML) 66 Page - Murata Manufacturing Co., Ltd.

Back Button DE11XKH102JA4B Datasheet HTML 62Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 63Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 64Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 65Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 66Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 67Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 68Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 69Page - Murata Manufacturing Co., Ltd. DE11XKH102JA4B Datasheet HTML 70Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
C85E.pdf
Jul.13,2011
DEA Series SL Char. (Rated Voltage: DC3.15kV)
100
1
10
100
1000
1000
(3150)
10000
Frequency (kHz)
10pF
220pF
100pF
DEC Series SL Char. (Rated Voltage: DC6.3kV)
100
1
10
100
1000
1000
10000
Frequency (kHz)
Because of the influence of harmonics, when the applied
voltage is a rectangular wave or pulse wave voltage
(instead of a sine wave voltage), the heat generated by
the capacitor is higher than the value obtained by
application of the sine wave with the same fundamental
frequency.
Roughly calculated for reference, the allowable voltage
for a rectangular wave or pulse wave corresponds
approximately to the allowable voltage for a sine wave
whose fundamental frequency is twice as large as that of
the rectangular wave or pulse wave.
This allowable voltage, however, varies depending on the
voltage and current waveforms.
Therefore, you are requested to make sure that the self-
heating temperature is not higher than the value specified
in Table 1.
<Fig. 3 (continued)> Allowable Voltage (Sine Wave Voltage) -
Frequency Characteristics
(At Ambient Temperature of 85
°C or less)
Continued on the following page.
to 22pF
47pF
100pF
(6300)
100
1
10
100
1000
1000
(500)
10000
to 1000pF
4700pF
2200pF
100
1
10
100
1000
1000
10000
100pF
470pF
220pF
1000pF
2200pF
4700pF
DES Series D Char. (Rated Voltage: DC1kV)
Frequency (kHz)
DES Series D Char. (Rated Voltage: DC500V)
Frequency (kHz)
Continued from the preceding page.
High Voltage Ceramic Capacitors !Caution
64
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.


Similar Part No. - DE11XKH102JA4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XKH102JA2A MURATA-DE11XKH102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XKH102JA4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com