Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMHA2801CR3V Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HMHA2801CR3V
Description  HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMHA2801CR3V Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HMHA2801CR3V Datasheet HTML 1Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 2Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 3Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 4Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 5Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 6Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 7Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 8Page - Fairchild Semiconductor HMHA2801CR3V Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PACKAGE DIMENSIONS
9/30/03
Page 1 of 9
© 2002 Fairchild Semiconductor Corporation
HALF PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
HMHAA280
HMHA2801 SERIES
HMHA281
DESCRIPTION
The HMHA281, HMHA2801 Series consists of a gallium arsenide infrared emitting diode driving a silicon
phototransistor in a compact 4-pin mini-flat package. The lead pitch is 1.27 mm.
The HMHAA280 series consists of two gallium arsenide infrared emitting diodes, connected in inverse
parallel, driving a single silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 1.27mm.
FEATURES
Compact 4-pin package
(2.4 mm maximum standoff height)
Half pitch leads for optimum board space savings
Current Transfer Ratio in selected groups
HMHA2801: 80-600%
HMHA2801A: 80-160%
HMHA2801B: 50-150%
HMHA2801C: 50-100%
HMHA281: 50-600%
HMHAA280: 50-600%
•Available in tape and reel quantities of 500 and 2500
Applicable to Infrared Ray reflow (230°C Max, 30 seconds)
BSI (File #8611/8612), CSA (File #1201524), UL (File #E90700)
and VDE (File #136480) certified
APPLICATIONS
HMHAA280
•AC line monitor
Unknown polarity DC sensor
•Telephone line receiver
HMHA281, HMHA2801 Series
Digital logic inputs
Microprocessor inputs
•Power supply monitor
•Twisted pair line receiver
•Telephone line receiver
NOTE
All dimensions are in inches (millimeters)
1
2
4
3 EMITTER
COLLECTOR
1
2
4
3 EMITTER
COLLECTOR
ANODE
CATHODE
Equivalent Circuit
(HMHA281, HMHA2801)
Equivalent Circuit
(HMHAA280)
0.287 (7.29)
0.248 (6.30)
0.020 (0.51)
0.012 (0.30)
0.173 (4.40)
TYP
0.035 (0.89)
0.012 (0.30)
0.008 (0.20)
0.000 (0.0)
PIN 1
0.106 (2.69)
0.091 (2.31)
0.030 (0.75)
0.022 (0.55)
0.050 (1.27)
0.094 (2.39)
0.079 (2.01)


Similar Part No. - HMHA2801CR3V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHA2801 FAIRCHILD-HMHA2801 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA2801 ONSEMI-HMHA2801 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2 ONSEMI-HMHA2801R2 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2V ONSEMI-HMHA2801R2V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801V ONSEMI-HMHA2801V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
More results

Similar Description - HMHA2801CR3V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA281 ONSEMI-HMHA281 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
logo
Fairchild Semiconductor
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com