Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKDNB331kB Datasheet(PDF) 6 Page - Panasonic Battery Group

Part # ECKDNB331kB
Description  Ceramic Disc Capacitors for Safety Regulations The Type NS-A is recognized by UL and CSA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECKDNB331kB Datasheet(HTML) 6 Page - Panasonic Battery Group

  ECKDNB331kB Datasheet HTML 1Page - Panasonic Battery Group ECKDNB331kB Datasheet HTML 2Page - Panasonic Battery Group ECKDNB331kB Datasheet HTML 3Page - Panasonic Battery Group ECKDNB331kB Datasheet HTML 4Page - Panasonic Battery Group ECKDNB331kB Datasheet HTML 5Page - Panasonic Battery Group ECKDNB331kB Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ceramic Disc Capacitors (Type NS-B)
s Dimensions in mm (not to scale)
s Typical Temperature Characteristics
s Ratings and Characteristics
*
n Capacitance tolerance code, “K” for ±10% or “M” for ±20%
** Radial taped versions are available on request.
ECKDNS103ME
ECKDNS472ZV
ECKDNS103ZV
ECKDNS223ZV
Part Number
Temperature
Characteristics
Capacitance
Tolerance
(%)
D max.
d
F
E/Y5U/2E4
V/Z5V
V/Z5V
V/Z5V
10000
4700
10000
22000
±20
+80, –20
+80, –20
+80, –20
22.0
12.0
17.5
24.0
0.65
0.65
0.65
0.65
10.0
7.5
10.0
10.0
Dimensions in mm
Nominal
Capacitance (pF)
Regarding previous recognized capacitors “Type NS”
• Following previous recognized capacitors “Type NS”
(4 items) in the table are applicable to UL (125V)
and CSA.
• Following capacitors “Type NS” (4 items) do not
conform to “New European Safety Standards” based
on IEC384-14, 2nd edition.
ECKDNB101
B
ECKDNB221
B
ECKDNB331
B
ECKDNB471
B
ECKDNB102
B
ECKDNB152
B
ECKDNB222
B
ECKDNB332
B
ECKDNB472
B
Part Number
Temperature
Characteristics
Capacitance
Nominal
Capacitance (pF)
Tolerance
(%)
D max.
d
F
B/Y5P/2B4
B/Y5P/2B4
B/Y5P/2B4
B/Y5P/2B4
B/Y5P/2B4
E/Y5U/2E4
E/Y5U/2E4
E/Y5U/2E4
E/Y5U/2E4
100
220
330
470
1000
1500
2200
3300
4700
±10 or ±20
±10 or ±20
±10 or ±20
±10 or ±20
±10 or ±20
±20
±20
±20
±20
10.5
10.5
10.5
10.5
10.5
10.5
10.5
13.0
16.0
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
Dimensions in mm
80
–20
0
20
40
60
+20
0
–20
–40
–60
–80
Temperature (
°C)
B char
E char
E
B
7.0 max.
d
± 0.05
F
D max.
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ECKDNB331kB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKDNA101 PANASONIC-ECKDNA101 Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECKDNA101 PANASONIC-ECKDNA101 Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECKDNA102 PANASONIC-ECKDNA102 Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECKDNA102 PANASONIC-ECKDNA102 Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECKDNA152 PANASONIC-ECKDNA152 Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
More results

Similar Description - ECKDNB331kB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
logo
List of Unclassifed Man...
POE-D10-00-E-13 ETC2-POE-D10-00-E-13 Datasheet
397Kb / 18P
   CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
logo
Panasonic Semiconductor
ECKNTS102ME PANASONIC-ECKNTS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com