Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECKDNA221kB Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ECKDNA221kB
Description  Ceramic Disc Capacitors for Safety Regulations The Type NS-A is recognized by UL and CSA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ECKDNA221kB Datasheet(HTML) 1 Page - Panasonic Battery Group

  ECKDNA221kB Datasheet HTML 1Page - Panasonic Battery Group ECKDNA221kB Datasheet HTML 2Page - Panasonic Battery Group ECKDNA221kB Datasheet HTML 3Page - Panasonic Battery Group ECKDNA221kB Datasheet HTML 4Page - Panasonic Battery Group ECKDNA221kB Datasheet HTML 5Page - Panasonic Battery Group ECKDNA221kB Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ceramic Disc Capacitors (Type NS-A)
Ceramic Disc Capacitors
for Safety Regulations
Safety Reg. NS ECK-DNA/DNB
Type:
NS-A
s Explanation of Part Numbers
s Specifications
–25 to 85
°C
Rated voltage
Operating temperature range
4000 VAC (50/60 Hz) for 1 minute
Dielectric withstanding voltage
Applicable standard
250 VAC
125 VAC
250 VAC
250 VAC
400 VAC
UL
CSA
IEC 384-14 2nd. Ed. (EN 132 400) Sub-Class Y1
SEV1016 (3300 to 4700 pF)
BSI (BS415: 1990), VDE 560-2, SEV1016 (100 to 2200 pF)
Rated voltage
Within the tolerance, when measured at 1 kHz
± 20%, 1 Vrms and 20°C
Capacitance
0.025 max., when measured at 1 kHz
±20%, 1 Vrms and 20°C
Dissipation factor (tan
δ)
10,000 M
Ω min. at 500 VDC and 1 minute electrification
Insulation resistance
B/Y5P/2B4
E/Y5U/2E4
±10% max.
±20/–55% max.
–25 to 85
°C
–25 to 85
°C
T.C.
Capacitance Change
Temperature Range
Temperature characteristics
(Reference temperature: 20
°C)
Nominal Capacitance
2
7
2
8
2
9
Capacitance Tolerance
M
10
Temperature Characteristics
E
11
Style
D
4
Product Code
E
1
C
2
K
3
Type Designation
N
5
A
6
Note: Suffix “NA” in the part number
indicates type “NS-A”.
Suffix
12
s Features
• Type NS-A, a revised type designation from our
previous type designation of NS for “Class II
equipment,” is recognized and classified as Sub-
Class Y1 Capacitor according to IEC384-14 2nd
Edition by European Safety Regulations.
• The Type NS-A is recognized by UL and CSA
(UL 1414/250 VAC and CSA C22.2 No. 1).
• The Type NS-A can bridge a “reinforced insulation” by
a single capacitor in Class II equipment/apparatus of
EN60065.
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ECKDNA221kB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKDNA221 PANASONIC-ECKDNA221 Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECKDNA221 PANASONIC-ECKDNA221 Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
More results

Similar Description - ECKDNA221kB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
logo
List of Unclassifed Man...
POE-D10-00-E-13 ETC2-POE-D10-00-E-13 Datasheet
397Kb / 18P
   CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
logo
Panasonic Semiconductor
ECKNTS102ME PANASONIC-ECKNTS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com