Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR02BX682B Datasheet(PDF) 1 Page - AVX Corporation

Part # CDR02BX682B
Description  Chips
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR02BX682B Datasheet(HTML) 1 Page - AVX Corporation

  CDR02BX682B Datasheet HTML 1Page - AVX Corporation CDR02BX682B Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
79
MIL-PRF-55681/Chips
Part Number Example
CDR01 thru CDR06
T
W
L
D
t
MILITARY DESIGNATION PER MIL-PRF-55681
Part Number Example
CDR01
BP
101
B
K
S
M
MIL Style
Voltage-temperature
Limits
Capacitance
Rated Voltage
Capacitance Tolerance
Termination Finish
Failure Rate
MIL Style: CDR01, CDR02, CDR03, CDR04, CDR05,
CDR06
Voltage Temperature Limits:
BP = 0 ± 30 ppm/°C without voltage; 0 ± 30 ppm/°C with
rated voltage from -55°C to +125°C
BX = ±15% without voltage; +15 –25% with rated voltage
from -55°C to +125°C
Capacitance: Two digit figures followed by multiplier
(number of zeros to be added) e.g., 101 = 100 pF
Rated Voltage: A = 50V, B = 100V
Capacitance Tolerance: J ± 5%, K ± 10%, M ± 20%
Termination Finish:
M = Palladium Silver
U = Base Metallization/Barrier
N = Silver Nickel Gold
Metal/Solder Coated*
S = Solder-coated
W = Base Metallization/Barrier
Metal/Tinned (Tin or Tin/
Lead Alloy)
*Solder shall have a melting point of 200°C or less.
Failure Rate Level: M = 1.0%, P = .1%, R = .01%,
S = .001%
Packaging: Bulk is standard packaging. Tape and reel
per RS481 is available upon request.
CROSS REFERENCE: AVX/MIL-PRF-55681/CDR01 THRU CDR06*
Per
AVX
Length (L)
Width (W)
Thickness (T)
D
Termination Band (t)
MIL-PRF-55681
Style
Max.
Min.
Max.
Min.
Max.
Min.
CDR01
0805
.080 ± .015
.050 ± .015
.055
.020
.030
.010
CDR02
1805
.180 ± .015
.050 ± .015
.055
.020
.030
.010
CDR03
1808
.180 ± .015
.080 ± .018
.080
.020
.030
.010
CDR04
1812
.180 ± .015
.125 ± .015
.080
.020
.030
.010
CDR05
1825
.180
+.020
.250
+.020
.080
.020
.030
.010
-.015
-.015
CDR06
2225
.225 ± .020
.250 ± .020
.080
.020
.030
.010
*For CDR11, 12, 13, and 14 see AVX Microwave Chip Capacitor Catalog
NOTE: Contact factory for availability of Termination and Tolerance Options for
Specific Part Numbers.


Similar Part No. - CDR02BX682B

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR02BX682B AVX-CDR02BX682B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
More results

Similar Description - CDR02BX682B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JST20 JIEJIE-JST20 Datasheet
182Kb / 1P
   Triac Chips
JST146D JIEJIE-JST146D Datasheet
188Kb / 1P
   Triac Chips
JST180D JIEJIE-JST180D Datasheet
218Kb / 1P
   Triac Chips
logo
Nanjing Qinheng Microel...
CH432 WCH-CH432 Datasheet
216Kb / 14P
   UART chips
logo
New Jersey Semi-Conduct...
NJS60FF06 NJSEMI-NJS60FF06 Datasheet
292Kb / 1P
   RECTIFIER CHIPS
logo
JIEJIE MICROELECTRONICS...
JST80 JIEJIE-JST80 Datasheet
691Kb / 1P
   Triac Chips
JST226H JIEJIE-JST226H Datasheet
185Kb / 1P
   Triac Chips
JST505 JIEJIE-JST505 Datasheet
264Kb / 1P
   Triac Chips
JST10 JIEJIE-JST10 Datasheet
184Kb / 1P
   Triac Chips
JST220 JIEJIE-JST220 Datasheet
196Kb / 1P
   Triac Chips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com