Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APX803-23SAG-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. APX803-23SAG-7
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803-23SAG-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  APX803-23SAG-7 Datasheet HTML 1Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 2Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 3Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 4Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 5Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 6Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 7Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 8Page - Diodes Incorporated APX803-23SAG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
APX803
3-PIN MICROPROCESSOR RESET CIRCUIT
APX803 Rev. 1
2 of 10
MARCH 2010
Document number: DS32132 Rev. 1 – 2
www.diodes.com
© Diodes Incorporated
APX 8 03 - XX XX G - 7
Voltage
Package
Packing
7 : Tape & Reel
Output type
Green
G : Green
SA : SOT23
46 : 4.63
44 : 4.38
40 : 4.00
31 : 3.08
29 : 2.93
26 : 2.63
23 : 2.25
03 : Active-Low,
Open Drain
SR : SOT23R
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
APX803-XXSAG-7
SA
SOT23
3000/Tape & Reel
-7
APX803-XXSRG-7
SR
SOT23R
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
(1) SOT23
(2) SOT23R
( Top View )
1
2
GND
VCC
APX803
2
3
RESET
( Top View )
1
2
GND
VCC
APX803
2
3
RESET
Ordering Information
Pin Assignments
Pin Descriptions
Pin Name
Description
GND
Ground
RESET
Reset Output Pin
Active Low Open Drain
VCC
Operating Voltage Input


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn