Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APX803-26SRG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part No. APX803-26SRG-7
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803-26SRG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APX803-26SRG-7 Datasheet HTML 2Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 3Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 4Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 5Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 6Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 7Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 8Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 9Page - Diodes Incorporated APX803-26SRG-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
APX803
3-PIN MICROPROCESSOR RESET CIRCUIT
APX803 Rev. 1
6 of 10
MARCH 2010
Document number: DS32132 Rev. 1 – 2
www.diodes.com
© Diodes Incorporated
Performance Characteristics
RESET Threshold Voltage vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
Temperature (°C)
APX803-44
APX803-26
RESET Timeout Period vs. Temperature
150
160
170
180
190
200
210
220
230
240
250
-50
-25
0
25
50
75
100
Temperature (°C)
Figure 1
Figure 2
Supply Current vs. Temperature
20
21
22
23
24
25
26
27
28
29
30
-50
-25
0
25
50
75
100
Temperature (°C)
Vcc=3.3V
Supply Current vs. Vcc
0
5
10
15
20
25
30
35
40
01
23
4
56
Vcc(V)
Figure 3
Figure 4


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn