Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APX803-26SAG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. APX803-26SAG-7
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803-26SAG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  APX803-26SAG-7 Datasheet HTML 1Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 2Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 3Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 4Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 5Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 6Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 7Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 8Page - Diodes Incorporated APX803-26SAG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APX803
3-PIN MICROPROCESSOR RESET CIRCUIT
APX803 Rev. 1
4 of 10
MARCH 2010
Document number: DS32132 Rev. 1 – 2
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(TA = 25ºC)
TA= -40 to 85
°C unless otherwise note. Typical values are at T
A=+25 °C.
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
ICC
Supply Current
VTH + 0.2V
30
40
μA
VTH
Reset
Threshold
APX803-23
TA = 25
oC
2.21
2.25
2.30
V
APX803-26
2.59
2.63
2.66
APX803-29
2.89
2.93
2.96
APX803-31
3.04
3.08
3.13
APX803-40
3.94
4.00
4.06
APX803-44
4.31
4.38
4.45
APX803-46
4.56
4.63
4.70
Reset Threshold Tempco
30
ppm/
oC
tS
Set-up Time
VCC = VTH to (VTH – 100mV)
20
µs
tDELAY Reset Active Timeout Period
TA = 0
oC to +85oC
140
200
280
ms
VOL
T
RESE
Output Voltage Low
VCC = VTH -0.2, ISINK = 1.2mA
0.3
V
VCC = VTH -0.2, ISINK = 3.5mA
0.4
VCC > 1.0V, ISINK = 50uA
0.3
IOH
T
RESE
Output High leakage
current
VCC > VTH +0.2
1
µA
θ
JA
Thermal Resistance
Junction-to-Ambient
SOT23/ SOT23R (Note 3)
201
°C/W
θ
JC
Thermal Resistance
Junction-to-Case
SOT23/ SOT23R (Note 3)
56
°C/W
Notes:
3. Test condition for SOT23 and SOT23R: Devices mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
4. Final datasheet limits to be determined by characterization and correlation.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn