Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APX803-29SRG-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. APX803-29SRG-7
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX803-29SRG-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  APX803-29SRG-7 Datasheet HTML 1Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 2Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 3Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 4Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 5Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 6Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 7Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 8Page - Diodes Incorporated APX803-29SRG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
APX803
3-PIN MICROPROCESSOR RESET CIRCUIT
APX803 Rev. 1
3 of 10
MARCH 2010
Document number: DS32132 Rev. 1 – 2
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage
-0.3 to +6.0
V
VRESET
RESET (open drain)
-0.3 to 6
V
ICC
Input Current, VCC
20
mA
IO
Output Current, RESET
20
mA
PD
Continuous Power Dissipation (TA = +70°C),
de-rate 4mW/°C above +70°C
400
mW
TOP
Operating Junction Temperature Range
-40 to +105
°C
TST
Storage Temperature Range
-65 to +150
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
1.1
5.5
V
VIN
Input Voltage
0
(VCC+0.3)
V
VRESET
RESET output voltage
0
5.5
V
TA
Operating Ambient Temperature Range
-40
85
°C
dVCC/dt
VCC Rate of rise (VCC = 0~VT)
100
V/µs


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn