Electronic Components Datasheet Search |
|
V-15G5-1C25-K Datasheet(PDF) 11 Page - Omron Electronics LLC |
|
V-15G5-1C25-K Datasheet(HTML) 11 Page - Omron Electronics LLC |
11 / 16 page Snap Action Switch V 131 Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of ±0.4 mm applies to all dimensions 2. The following illustrations and drawings are for quick-connect terminals (#250) (terminals C). V models also incorporate terminals A and C2, which are omitted from the following drawings. Refer to Terminals section for the dimensions of these terminals. 3. The @ in the model number is for the terminal code. 4. The illustrations for V-21, V-16 and V-11 show a hole size of 3.1 mm. V-21, V-16 and V-11 models with a suffix “K” have a hole size of 2.9 mm. 5. The operating characteristics are for operation in the A direction ( ). Simulated Roller Lever Models Short Hinge Roller Lever Models Hinge Roller Lever Models V-214-1 6 V-164-1 5 V-114-1 4 3.1 +0.13 –0.03 dia. holes 3.1 +0.13 –0.03 3.4 ±0.15 dia. t = 0.5 (see note) t=0.8 Three, quick-connect terminals (#250) 3.5R 32.6 ±0.8 8.1 1.6 PT OP 2.8 10.3 ±0.1 22.2 ±0.1 (12.0) 2.8 27.8 39.8 ±0.8 0.6 3 . 48 . 2 10.3 Note: Stainless-steel lever 2.8 15.9 19.1 8.4 A Characteristics V-214-1 @6 V-164-1@5 V-114-1@4 OF max. 250 gf 125 gf 60 gf RF min. 25 gf 14 gf 6 gf PT max. 4.0 mm OT min. 1.6 mm MD max. 1.5 mm OP 18.7 ± 1.2 mm Note: 1. Stainless-steel lever 2. Oilless polyacetar resin roller V-215-1 6 V-165-1 5 V-115-1 4 3.1 +0.13 –0.03 dia. holes 3.1 +0.13 –0.03 3.4 ±0.15 dia. t = 0.5 (see note 1) 4.8 dia. × 4.8 (see note 2) t=0.8 Three, quick-connect terminals (#250) 20.1 8.1 1.6 PT OP 2.8 10.3 ±0.1 22.2 ±0.1 2.8 (12.0) 27.8 39.8 ±0.8 2.8 8.4 15.9 19.1 0.6 5.1 10.3 A Characteristics V-215-1 @6 V-165-1@5 V-115-1@4 OF max. 480 gf 240 gf 120 gf RF min. 50 gf 50 gf 15 gf PT max. 1.6 mm OT min. 0.8 mm MD max. 0.6 mm OP 20.7 ± 0.6 mm V-216-1 6 V-166-1 5 V-116-1 4 3.1 +0.13 –0.03 dia. holes 3.1 +0.13 –0.03 3.4 ±0.15 dia. t = 0.5 (see note 1) 4.8 dia. × 4.8 (see note 2) t=0.8 Three, quick-connect terminals (#250) 34.0 ±0.8 8.1 1.6 PT OP 2.8 10.3 ±0.1 22.2 ±0.1 (12.0) 2.8 27.8 39.8 ±0.8 2.8 19.1 0.6 5.1 10.3 15.9 8.4 Note: 1. Stainless-steel lever 2. Oilless polyacetar resin roller A Characteristics V-216-1 @6 V-166-1@5 V-116-1@4 OF max. 250 gf 125 gf 60 gf RF min. 25 gf 14 gf 6 gf PT max. 4.0 mm OT min. 1.6 mm MD max. 1.5 mm OP 20.7 ± 1.2 mm |
Similar Part No. - V-15G5-1C25-K |
|
Similar Description - V-15G5-1C25-K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |