Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP2-TM-DC12V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # HP2-TM-DC12V
Description  Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HP2-TM-DC12V Datasheet(HTML) 7 Page - Panasonic Semiconductor

  HP2-TM-DC12V Datasheet HTML 1Page - Panasonic Semiconductor HP2-TM-DC12V Datasheet HTML 2Page - Panasonic Semiconductor HP2-TM-DC12V Datasheet HTML 3Page - Panasonic Semiconductor HP2-TM-DC12V Datasheet HTML 4Page - Panasonic Semiconductor HP2-TM-DC12V Datasheet HTML 5Page - Panasonic Semiconductor HP2-TM-DC12V Datasheet HTML 6Page - Panasonic Semiconductor HP2-TM-DC12V Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HP
SAFETY STANDARDS
For Cautions for Use.
UL/C-UL (Recognized)
CSA (Certified)
File No.
Contact rating
File No.
Contact rating
E43028
10A 250V AC, 1/3HP 125, 250V AC, 10A 30V DC
LR26550 etc.
10A 250V AC, 1/3HP 125, 250V AC, 10A 30V DC
.110
2.8
46.8
1.843
24.7
.972
7
.276
5.5
.217
35.7
1.406
15
.591
.031
.031
0.8
0.8
58
2.283
45.5
1.791
9.5
.374
7.5
.295
5.3
.209
0.8
2.25R .089R
5.26
.207
5.26
.207
4.5
.177
10
.394
5.26
5.26
.207
.207
0.8
.031
.031
5.8
.228
Compatible with tab terminal
#205 series receptacle.
TM type
(2 Form C)
External dimensions
Schematic (Bottom view)
8
7
6
5
1
2
3
4
Mounting hole diagram
Tolerance:
±0.1 ±.004
(Pitch for side-by-side mounting)
Relay space
(Area shown by the
broken line)
2-M.157 screw hole
or 2-.177 dia. hole
2-M4 screw hole
or 2-4.5 dia. hole
45.5
1.791
2
.079
30
1.181
Installed relay
Nut
Panel (chassis)
Spring washer
2-M.157
2-M4 screw
35.7
1.406
52.3
2.059
Dimension:
Less than 2mm .079inch:
Min. 2mm .079inch
less than 9mm .354inch:
Min. 9mm .354inch
less than 20mm .787inch:
Min. 20mm .787inch:
Tolerance
±0.2 ±.008
±0.5 ±.020
±1 ±.039
±1.5 ±.059
CAD Data
.276
7
.118
3
5
.197
20.5
.807
.433
11
38
1.496
16
.630
4.2
.165
73.5
2.894
60
2.362
44
1.732
2.1R
.083R
16
.630
.165
4.2
.083R
2.1R
36
1.417
36
1.417
38
1.496
11
11
.433 .433
8.5
.335
.217
5.5
.226
5.75
.187 .187 .187
4.75 4.75 4.75
2.5
.098
2.5
.098
7.65
.301
4.1
.161
0.5
.020
0.5
.020
0.5 .020
0.5 .020
2 .079
2
.079
Compatible with tab terminal
#187 series receptacle.
Direct mounting type
(3 Form C)
External dimensions
Schematic (Bottom view)
10
11
9
8
3
6
7
1
2
4
5
Mounting hole diagram
Tolerance:
±0.1 ±.004
(Pitch for side-by-side mounting)
40
1.575
60
2.362
2
.079
2-M.157 screw hole
(or 2-.165 dia. hole)
2-M4 screw hole
(or 2-4.2 dia. hole)
Relay space
(Area shown by the
broken line)
Installed relay
38
1.496
16
.630
.197
5
7
.276
.807
20.5
.433
11
73.5
2.894
2.362
60
44
1.732
2-M.157
2-M4 screw
Spring washer
Panel
(chassis)
Nut
36
1.417
Dimension:
Less than 2mm .079inch:
Min. 2mm .079inch
less than 9mm .354inch:
Min. 9mm .354inch
less than 20mm .787inch:
Min. 20mm .787inch:
Tolerance
±0.2 ±.008
±0.5 ±.020
±1 ±.039
±1.5 ±.059
CAD Data
ASCTB81E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - HP2-TM-DC12V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HP2-TM-DC12V NAIS-HP2-TM-DC12V Datasheet
373Kb / 11P
   10 AMP POWER RELAY
logo
Panasonic Semiconductor
HP2-TM-DC12V PANASONIC-HP2-TM-DC12V Datasheet
312Kb / 11P
   Interchangeable with existing models
More results

Similar Description - HP2-TM-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2-HP-DC12V PANASONIC-HC2-HP-DC12V Datasheet
229Kb / 15P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c)
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com