Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMHA2801CR1V Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HMHA2801CR1V
Description  HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HMHA2801CR1V Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HMHA2801CR1V Datasheet HTML 1Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 2Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 3Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 4Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 5Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 6Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 7Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 8Page - Fairchild Semiconductor HMHA2801CR1V Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
9/30/03
Page 3 of 9
© 2002 Fairchild Semiconductor Corporation
HALF PITCH MINI-FLAT PACKAGE
4-PIN OPTOCOUPLERS
HMHAA280
HMHA2801 SERIES
HMHA281
** All typicals at TA = 25°C
TRANSFER CHARACTERISTICS (TA = 25°C)
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
DC Current Transfer Ratio
(IF = ± 5 mA, VCE = 5 V)
CTR
HMHAA280
50
600
%
(IF = 5 mA, VCE = 5 V)
HMHA281
50
600
HMHA2801
80
600
HMHA2801A
80
160
HMHA2801B
50
150
(IF = 1 mA, VCE = 5 V)
HMHA2801C
50
100
CTR Symmetry
(IF = ± 5 mA, VCE = 5 V)
HMHAA280
0.33
3.0
Saturation Voltage
(IF = ± 8 mA, IC = 2.4 mA)
VCE (SAT)
HMHAA280
0.4
V
(IF = 8 mA, IC = 2.4 mA)
HMHA281
0.4
(IF = 10 mA, IC = 2 mA)
HMHA2801
0.3
HMHA2801A
0.3
HMHA2801B
(IF = 20 mA, IC = 1 mA)
HMHA2801C
0.2
Rise Time (Non-Saturated)
(IC = 2 mA, VCE = 5 V)
(RL = 100Ω)
tr
All except for
HMHA2801C
3
µs
(IC = 2 mA, VCE = 2V)
(RL = 1 KΩ)
HMHA2801C
9
Fall Time (Non-Saturated)
(IC = 2 mA, VCE = 5 V)
(RL = 100Ω)
tf
All except for
HMHA2801C
3
(IC = 2 mA, VCE = 2V)
(RL = 1 KΩ)
HMHA2801C
9
ISOLATION CHARACTERISTICS
Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Steady State Isolation Voltage
(1 Minute)
VISO
All
2500
VRMS


Similar Part No. - HMHA2801CR1V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHA2801 FAIRCHILD-HMHA2801 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA2801 ONSEMI-HMHA2801 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2 ONSEMI-HMHA2801R2 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801R2V ONSEMI-HMHA2801R2V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
HMHA2801V ONSEMI-HMHA2801V Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
More results

Similar Description - HMHA2801CR1V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
logo
ON Semiconductor
HMHA281 ONSEMI-HMHA281 Datasheet
231Kb / 9P
   4-Pin Half-Pitch Mini-Flat Phototransistor Optocouplers
August, 2018 ??Rev. 6
logo
Fairchild Semiconductor
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com